Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTX12-600 Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HTX12-600
Description  600V 12A TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTX12-600 Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HTX12-600 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTX12-600 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTX12-600 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTX12-600 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTX12-600 Datasheet HTML 5Page - SemiHow Co.,Ltd. HTX12-600 Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
◎ SEMIHOW REV.1.0 Jan 2006
Performance Curves
Fig 2.On-State Voltage
On-state Voltage (V)
10
0
10
1
10
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Fig 1. Gate Characteristics
Gate Current (mA)
10
1
10
0
10
-1
10
1
10
2
10
3
RMS On-State Current (A)
Fig 3. Gate Trigger Voltage
vs. Junction Temperature
Junction Temperature (℃)
10
1
0.1
-50
0
50
100
150
Fig 4. On State Current
vs. Maximum Power Dissipation
16
14
12
10
8
6
4
2
0
2
4
6
8
10
12
14
0
Fig 5. On State Current
vs. Allowable Case Temperature
RMS On-State Current (A)
2
4
6
8
12
14
130
110
90
70
60
0
80
100
120
10
Time (Cycles)
10
0
10
1
10
2
200
150
100
50
0
Fig 6. Surge On-State Current
Rating (Non-Repetitive)


Similar Part No. - HTX12-600

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTX16-600 SEMIHOW-HTX16-600 Datasheet
329Kb / 6P
   600V 16A TRIAC
More results

Similar Description - HTX12-600

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HST12 HSMC-HST12 Datasheet
129Kb / 4P
   TRIAC 600V,12A
logo
Renesas Technology Corp
BCR12LM-12LD RENESAS-BCR12LM-12LD Datasheet
105Kb / 8P
   600V - 12A - Triac Medium Power Use
BCR12PM-12LD RENESAS-BCR12PM-12LD Datasheet
106Kb / 8P
   600V - 12A - Triac Medium Power Use
BCR16CM-12LC RENESAS-BCR16CM-12LC Datasheet
488Kb / 9P
   600V - 12A - Triac Medium Power Use
Feb. 1, 2019
BCR12PM-12LC RENESAS-BCR12PM-12LC_15 Datasheet
198Kb / 8P
   600V ??12A - Triac Medium Power Use
BCR12LM-12LD RENESAS-BCR12LM-12LD_15 Datasheet
105Kb / 8P
   600V - 12A - Triac Medium Power Use
BCR12FM-12LB RENESAS-BCR12FM-12LB Datasheet
176Kb / 8P
   600v - 12A - Triac Medium Power Use
BCR12FM-12LB RENESAS-BCR12FM-12LB_15 Datasheet
176Kb / 8P
   600v - 12A - Triac Medium Power Use
BCR12CM-12LB RENESAS-BCR12CM-12LB_15 Datasheet
151Kb / 9P
   600V - 12A - Triac Medium Power Use
BCR12FM-12LC RENESAS-BCR12FM-12LC Datasheet
508Kb / 9P
   600V - 12A - Triac Medium Power Use
Feb. 19, 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com