Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFS5N60S Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HFS5N60S
Description  600V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS5N60S Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HFS5N60S Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS5N60S Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS5N60S Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS5N60S Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS5N60S Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS5N60S Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS5N60S Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
◎ SEMIHOW REV.A0,Aug 2007
V
DS, Drain-Source Voltage [V]
Typical Characteristics
0
2
4
6
8
10
0
1
2
3
4
5
6
* Note : T
J = 25
oC
V
GS = 20V
V
GS = 10V
I
D , Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
25
oC
150
oC
* Note :
1. V
GS = 0V
2. 250
µs Pulse Test
V
SD , Source-Drain Voltage [V]
2
4
6
8
10
10
-1
10
0
10
1
* Note
1. V
DS = 50V
2. 250
µs Pulse Test
-55
oC
150
oC
25
oC
V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
0
200
400
600
800
1000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
2
4
6
8
10
12
0
2
4
6
8
10
12
Q
G, Total Gate Charge [nC]
* Note : I
D = 4.5A
V
DS = 300V
V
DS = 120V
V
DS = 480V
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics


Similar Part No. - HFS5N60S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFS5N60F SEMIHOW-HFS5N60F Datasheet
209Kb / 7P
   600V N-Channel MOSFET
HFS5N60FS SEMIHOW-HFS5N60FS_16 Datasheet
236Kb / 8P
   600V N-Channel MOSFET
HFS5N60U SEMIHOW-HFS5N60U Datasheet
317Kb / 7P
   Superior Avalanche Rugged Technology
More results

Similar Description - HFS5N60S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com