Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24645SM Datasheet(PDF) 1 Page - Xicor Inc.

Part # X24645SM
Description  Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24645SM Datasheet(HTML) 1 Page - Xicor Inc.

  X24645SM Datasheet HTML 1Page - Xicor Inc. X24645SM Datasheet HTML 2Page - Xicor Inc. X24645SM Datasheet HTML 3Page - Xicor Inc. X24645SM Datasheet HTML 4Page - Xicor Inc. X24645SM Datasheet HTML 5Page - Xicor Inc. X24645SM Datasheet HTML 6Page - Xicor Inc. X24645SM Datasheet HTML 7Page - Xicor Inc. X24645SM Datasheet HTML 8Page - Xicor Inc. X24645SM Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Advanced 2-Wire Serial E2PROM with Block LockTM Protection
64K
8192 x 8 Bit
Preliminary Information
©Xicor, 1995, 1996 Patents Pending
Characteristics subject to change without notice
2783-3.5 5/13/96 T1/C0/D0 NS
1
X24645
FUNCTIONAL DIAGRAM
FEATURES
2.7V to 5.5V Power Supply
Low Power CMOS
—Active Read Current Less Than 1mA
—Active Write Current Less Than 3mA
—Standby Current Less Than 1
µA
Internally Organized 8192 x 8
New Programmable Block Lock Protection
—Software Write Protection
—Programmable hardware Write Protect
Block Lock (0, 1/4, 1/2, or all of the E2PROM
array)
2 Wire Serial Interface
Bidirectional Data Transfer Protocol
32 Byte Page Write Mode
—Minimizes Total Write Time Per Byte
Self Timed Write Cycle
—Typical Write Cycle Time of 5ms
High Reliability
—Endurance: 100,000 Cycles
—Data Retention: 100 Years
Available Packages
—8-Lead PDIP
—8-Lead SOIC (JEDEC)
—14-Lead SOIC (JEDEC)
—20-Lead TSSOP
DESCRIPTION
The X24645 is a CMOS 65,536-bit serial E2PROM,
internally organized 8192 x 8. The X24645 features a
serial interface and software protocol allowing opera-
tion on a simple two wire bus.
Two device select inputs (S1, S2) allow up to four
devices to share a common two wire bus.
A Write Protect Register at the highest address loca-
tion, 1FFFh, provides three new write protection
features: Software Write Protect, Block Write Protect,
and Hardware Write Protect. The Software Write
Protect feature prevents any nonvolatile writes to the
X24645 until the WEL bit in the write protect register is
set. The Block Write Protection feature allows the user
to individually write protect four blocks of the array by
programming two bits in the write protect register. The
Programmable Hardware Write Protect feature allows
the user to install the X24645 with WP tied to VCC,
program the entire memory array in place, and then
enable the hardware write protection by programming
a WPEN bit in the write protect register. After this,
selected blocks of the array, including the write protect
register itself, are permanently write protected, as long
as WP remains HIGH.
START
STOP
LOGIC
CONTROL
LOGIC
SLAVE ADDRESS
REGISTER
+COMPARATOR
H.V. GENERATION
TIMING &
CONTROL
WORD
ADDRESS
COUNTER
XDEC
YDEC
DOUT
ACK
E2PROM
256 X 256
DATA REGISTER
START CYCLE
VCC
R/W
PIN
VSS
SDA
SCL
S2
S1
DOUT
LOAD
INC
CK
8
2783 ILL F01
WRITE PROTECT
REGISTER AND
LOGIC
WP


Similar Part No. - X24645SM

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24645SM ICMIC-X24645SM Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24645SM-2.7 ICMIC-X24645SM-2.7 Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24645SMG ICMIC-X24645SMG Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24645SMG-2.7 ICMIC-X24645SMG-2.7 Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
More results

Similar Description - X24645SM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com