Electronic Components Datasheet Search |
|
RV30YGME20C105K Datasheet(PDF) 1 Page - TOCOSAMERICA, INC. |
|
RV30YGME20C105K Datasheet(HTML) 1 Page - TOCOSAMERICA, INC. |
1 / 5 page TOCOS AMERICA, INC. 1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com 44 RV30 Series 30mm Diameter, Single-Turn, Carbon Industrial Panel Controls TOCOS® P ANEL CONTROLS Specifications Electrical Standard Resistance Range . . . . . . . . . . B = 100 Ω to 2MΩ A,C = 1k Ω to 2MΩ Resistance Tolerance . . . . . . . . . . . . . . . . . 10% standard End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ω max. Resistance Taper . . . . B = linear; A = CW audio (logarithm); C = CCW audio (logarithm) Peak Noise (C.R.V.) . . . . . . . 3% or 3 Ω, whichever is greater Power Rating . . . . Ratings below at 40 C, 0 watt at 85 C Maximum Input Voltage . . . . . B = 500VDC; A,C = 350VDC or power rating, whichever is smaller Insulation Resistance . . . . . 100M Ω minimum at 1,000VDC Dielectric Strength . . . . . . . . . . . . . . . . 1,000VAC, 1 minute Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 280 10 Mechanical Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . . 300 5 Shaft Torque Single Unit . . . . . . 51 to 306 gf • cm (0.707 to 4.242 oz • in) Other Units . . . . . . 51 to 510 gf • cm (0.707 to 7.070 oz • in) Stop Strength . . . . . . . . . . . . 10.2 kgf • cm (141.4 oz • in) max. Mounting Nut Torque . . . . . . 15 kgf • cm (207.94 oz • in) max. Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 5 seconds Marking . . . . . . . . . . . . . Model type, taper, resistance code, shaft type, terminal identification, date code Environmental Temperature Range . . . . . . . . . . . . . . . . . . 10 Cto 85 C Temperature Characteristics . . . . . . . . 85 C, 30 minutes without load R ) 10k Ω © ∆T/R ) 6% 10k Ω ! R ! 1MΩ © ∆T/R ) 10% R 0 1M Ω © ∆T/R ) 15% Load Life . . . . . . . . . . . . 40 C, 1,000 hours with rated load ∆T/R ) 10% Moisture and Load Life . . . . . . . . . . . . 40 C, 90-95%RH, 500 hours with rated load R ! 100k Ω © ∆T/R ) 10%~ 15% R 0 100k Ω © ∆T/R ) 10%~ 20% Thermal Shock . . . . . . . . . . . . . . . . . . . . . . . 10 C~ 85 C, 5 cycles without load ∆T/R ) 10% Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude, 3 directions, 2 hours each ∆T/R ) 2.5% Soldering Heat Resistance . . . . . . . . . . 350 C, 3.5 seconds ∆T/R ) 2% Rotational Life . . . . 15,000 cycles (500 cycles for shaft lock models only) without load ∆T/R ) 7% Standard Rotary Switches Switch Rating . . . . . . . . . . 110VAC, 1A or 3A, SPDT or SPST Contact Resistance . . . . . . . . . . . . . . . . . . . . . . 0.05 Ω max. Operating Torque . . . . . . . . 1,530 gf • cm (21.21 oz • in) max. Operating Life . . . . . . . . . . . . . 10,000 cycles with rated load R = Total Resistance Value; ∆T/R = Total Resistance Change Features 30mm diameter, single-turn industrial panel controls Carbon film element Linear or audio tapers Single, tandem and triple units, single shaft; dual unit, dual shaft SPST or SPDT switch with 1A or 3A rating Shaft lock models Metal shaft and bushing Panel mount only Right angle ear-lug terminals 6mm diameter shafts in slot, flat or round end styles Standard 15mm or 20mm shaft length Taper R ) 10k Ω R 1 300k Ω 10k Ω ! R ) 50kΩ 50kΩ ! R ) 300kΩ B A,C 1.0W 0.8W 0.8W 0.6W 0.6W 0.3W 0.4W 0.2W RV30YN RV30YD RV30YNME |
Similar Part No. - RV30YGME20C105K |
|
Similar Description - RV30YGME20C105K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |