Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X20C05JI-55 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X20C05JI-55
Description  High Speed AUTOSTORE??NOVRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X20C05JI-55 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X20C05JI-55 Datasheet HTML 3Page - Xicor Inc. X20C05JI-55 Datasheet HTML 4Page - Xicor Inc. X20C05JI-55 Datasheet HTML 5Page - Xicor Inc. X20C05JI-55 Datasheet HTML 6Page - Xicor Inc. X20C05JI-55 Datasheet HTML 7Page - Xicor Inc. X20C05JI-55 Datasheet HTML 8Page - Xicor Inc. X20C05JI-55 Datasheet HTML 9Page - Xicor Inc. X20C05JI-55 Datasheet HTML 10Page - Xicor Inc. X20C05JI-55 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
X20C05
7
Write Cycle Limits
X20C05-25 X20C05-35 X20C05-45 X20C05-55
Symbol
Parameter
Min.
Max. Min.
Max. Min. Max. Min. Max. Units
tWC
Write Cycle Time
25
35
45
55
ns
tCW
Chip Enable to End of Write Input
25
30
35
40
ns
tAS
Address Setup Time
0
0
0
0
ns
tWP
Write Pulse Width
30
30
35
40
ns
tWR
Write Recovery Time
0
0
0
0
ns
tDW
Data Setup to End of Write
15
15
20
25
ns
tDH
Data Hold Time
0
0
3
3
ns
tWZ(4)
Write Enable to Output in High Z
15
20
25
ns
tOW(4)
Output Active from End of Write
5
5
5
5
ns
tOZ(4)
Output Enable to Output in High Z
15
20
25
ns
3827 PGM T11
WE Controlled Write Cycle
tWC
tCW
tAS
tOZ
tWP
tDW
tDH
tOW
tWR
DATA VALID
ADDRESS
OE
CE
WE
DATA OUT
DATA IN
3827 FHD F06
Note:
(4) tWZ, tOW and tOZ are periodically sampled and not 100% tested.


Similar Part No. - X20C05JI-55

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C04 XICOR-X20C04 Datasheet
67Kb / 15P
   Nonvolatile Static RAM
X20C04D XICOR-X20C04D Datasheet
67Kb / 15P
   Nonvolatile Static RAM
X20C04D-15 XICOR-X20C04D-15 Datasheet
67Kb / 15P
   Nonvolatile Static RAM
X20C04D-20 XICOR-X20C04D-20 Datasheet
67Kb / 15P
   Nonvolatile Static RAM
X20C04D-25 XICOR-X20C04D-25 Datasheet
67Kb / 15P
   Nonvolatile Static RAM
More results

Similar Description - X20C05JI-55

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C16 XICOR-X20C16 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
XM20C64 XICOR-XM20C64 Datasheet
60Kb / 11P
   High Speed AUTOSTORE??NOVRAM
X20C17 XICOR-X20C17 Datasheet
47Kb / 11P
   High Speed AUTOSTORE??NOVRAM
logo
Intersil Corporation
X24C45 INTERSIL-X24C45 Datasheet
192Kb / 12P
   Serial AUTOSTORE NOVRAM
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
X25401 XICOR-X25401 Datasheet
57Kb / 14P
   SPI Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com