Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X20C16DI-45 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X20C16DI-45
Description  High Speed AUTOSTORE??NOVRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X20C16DI-45 Datasheet(HTML) 3 Page - Xicor Inc.

  X20C16DI-45 Datasheet HTML 1Page - Xicor Inc. X20C16DI-45 Datasheet HTML 2Page - Xicor Inc. X20C16DI-45 Datasheet HTML 3Page - Xicor Inc. X20C16DI-45 Datasheet HTML 4Page - Xicor Inc. X20C16DI-45 Datasheet HTML 5Page - Xicor Inc. X20C16DI-45 Datasheet HTML 6Page - Xicor Inc. X20C16DI-45 Datasheet HTML 7Page - Xicor Inc. X20C16DI-45 Datasheet HTML 8Page - Xicor Inc. X20C16DI-45 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
X20C16
3
DEVICE OPERATION
The
CE, OE, WE, and NE inputs control the X20C16
operation. The X20C16 byte-wide NOVRAM uses a
2-line control architecture to eliminate bus contention in
a system environment. The I/O bus will be in a high
impedance state when either
OE or CE is HIGH, or
when
NE is LOW.
RAM Operations
RAM read and write operations are performed as they
would be with any static RAM. A read operation requires
CE and OE to be LOW with WE and NE HIGH. A write
operation requires
CE and WE to be LOW with NE
HIGH. There is no limit to the number of read or write
operations performed to the RAM portion of the X20C16.
Memory Transfer Operations
There are two memory transfer operations: a recall
operation whereby the data stored in the E2PROM array
is transferred to the RAM array; and a store operation
which causes the entire contents of the RAM array to be
stored in the E2PROM array.
Recall operations are performed automatically upon
power-up and under host system control when
NE, OE
and
CE are LOW and WE is HIGH. The recall operation
takes a maximum of 5
µs.
SDP (Software Data Protection)
There are two methods of initiating a store operation.
The first is the software store command. This command
takes the place of the hardware store employed on the
X20C04. This command is issued by entering into the
special command mode:
NE, CE, and WE strobe LOW
while at the same time a specific address and data
combination is sent to the device. This is a three step
operation: the first address/data combination is 555[H]/
AA[H]; the second combination is 2AA[H]/55[H]; and the
final command combination is 555[H]/33[H]. This se-
quence of pseudo write operations will immediately
initiate a store operation. Refer to the software com-
mand timing diagrams for details on set and hold times
for the various signals.
The second method of storing data is with the
AUTOSTORE command. When enabled, data is auto-
matically stored from the RAM into the E2PROM array
whenever VCC falls below the preset Autostore thresh-
old. This feature is enabled by performing the first two
steps for the software store with the command combina-
tion being 555[H]/CC[H].
The AUTOSTORE feature is disabled by issuing the
three step command sequence with the command com-
bination being 555[H]/CD[H]. The AUTOSTORE feature
will also be reset if VCC falls below the power-up reset
threshold (approximately 3.5V) and is then raised back
into the operation range.
Write Protection
The X20C16 supports two methods of protecting the
nonvolatile data.
—If after power-up the AUTOSTORE feature is not
enabled, no AUTOSTORE can occur.
—VCC Sense – All functions are inhibited when VCC is
≤ 3.0V typical.
SYMBOL TABLE
The following symbol table provides a key to under-
standing the conventions used in the device timing
diagrams. The diagrams should be used in conjunction
with the device timing specifications to determine actual
device operation and performance, as well as device
suitability for user’s application.
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance


Similar Part No. - X20C16DI-45

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C17 XICOR-X20C17 Datasheet
47Kb / 11P
   High Speed AUTOSTORE??NOVRAM
X20C17P-35 XICOR-X20C17P-35 Datasheet
47Kb / 11P
   High Speed AUTOSTORE??NOVRAM
X20C17P-45 XICOR-X20C17P-45 Datasheet
47Kb / 11P
   High Speed AUTOSTORE??NOVRAM
X20C17P-55 XICOR-X20C17P-55 Datasheet
47Kb / 11P
   High Speed AUTOSTORE??NOVRAM
X20C17PI-35 XICOR-X20C17PI-35 Datasheet
47Kb / 11P
   High Speed AUTOSTORE??NOVRAM
More results

Similar Description - X20C16DI-45

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C05 XICOR-X20C05 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
XM20C64 XICOR-XM20C64 Datasheet
60Kb / 11P
   High Speed AUTOSTORE??NOVRAM
X20C17 XICOR-X20C17 Datasheet
47Kb / 11P
   High Speed AUTOSTORE??NOVRAM
logo
Intersil Corporation
X24C45 INTERSIL-X24C45 Datasheet
192Kb / 12P
   Serial AUTOSTORE NOVRAM
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
X25401 XICOR-X25401 Datasheet
57Kb / 14P
   SPI Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com