Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPHX0365A Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # SPHX0365A
Description  SEMIHOW POWER SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

SPHX0365A Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  SPHX0365A Datasheet HTML 1Page - SemiHow Co.,Ltd. SPHX0365A Datasheet HTML 2Page - SemiHow Co.,Ltd. SPHX0365A Datasheet HTML 3Page - SemiHow Co.,Ltd. SPHX0365A Datasheet HTML 4Page - SemiHow Co.,Ltd. SPHX0365A Datasheet HTML 5Page - SemiHow Co.,Ltd. SPHX0365A Datasheet HTML 6Page - SemiHow Co.,Ltd. SPHX0365A Datasheet HTML 7Page - SemiHow Co.,Ltd. SPHX0365A Datasheet HTML 8Page - SemiHow Co.,Ltd. SPHX0365A Datasheet HTML 9Page - SemiHow Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
◎ SEMIHOW REV.PLIMILARY”DEC 2009
Notes ;
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=14.2mH, I
AS=9.5A, VDD=50V, RG=25Ω, Starting TJ =25°C
3. I
SD≤9.5A, di/dt≤200A/μs, VDD≤BVDSS , Starting TJ =25 °C
4. Pulse Test : Pulse Width
≤ 300μs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V, ID = 0.5 A
--
3.6
4.5
On Characteristics
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 50 ㎂
650
--
--
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = 650 V, VGS = 0 V
--
--
50
V
DS = 520 V, TC = 125℃
--
--
200
Off Characteristics
C
iss
Input Capacitance
V
DS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
950
1230
C
oss
Output Capacitance
--
550
710
C
rss
Reverse Transfer Capacitance
--
120
155
Dynamic Characteristics
t
d(on)
Turn-On Time
V
DS = 325 V, ID = 1 A,
R
G = 25 Ω
(Note 4,5)
--
18
--
T
r
Turn-On Rise Time
--
12
--
t
d(off)
Turn-Off Delay Time
--
80
--
t
f
Turn-Off Fall Time
--
22
--
Q
g
Total Gate Charge
V
DS = 325V, ID = 1 A,
V
GS = 10 V
(Note 4,5)
--
13
17
nC
Q
gs
Gate-Source Charge
--
2.0
--
nC
Q
gd
Gate-Drain Charge
--
5.5
--
nC
Switching Characteristics
Electrical Characteristics ( SenseFet Part )
T
C=25 °C unless otherwise specified


Similar Part No. - SPHX0365A

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SPH WELWYN-SPH Datasheet
629Kb / 2P
   General-Purpose Failsafe Moulded Wirewound Resistors
logo
StarHope
SPH SPSEMI-SPH Datasheet
706Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
logo
TT Electronics.
SPH TTELEC-SPH Datasheet
1Mb / 4P
   Drop-in replacement for BWH/BWF
logo
List of Unclassifed Man...
SPH-001T-P0.5L ETC2-SPH-001T-P0.5L Datasheet
232Kb / 8P
   Crimping tools and machines
SPH-001T-P0.5L ETC2-SPH-001T-P0.5L Datasheet
224Kb / 8P
   APPLICATION TOOLING
More results

Similar Description - SPHX0365A

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
SPGX0365A SEMIHOW-SPGX0365A Datasheet
1Mb / 10P
   SEMIHOW POWER SWITCH
SPGP0565A SEMIHOW-SPGP0565A Datasheet
444Kb / 8P
   The SemiHow Power Switch product family is specially designed for an off-line SMPS with minimal external components.
SPGP0380A SEMIHOW-SPGP0380A Datasheet
438Kb / 8P
   The SemiHow Power Switch product family is specially designed for an off-line SMPS with minimal external components.
SPGP0365A SEMIHOW-SPGP0365A Datasheet
1Mb / 11P
   The SemiHow Power Switch product family is specially designed for an off-line SMPS with minimal external components.
logo
AiT Semiconductor Inc.
A4771A AITSEMI-A4771A Datasheet
1Mb / 12P
   POWER SWITCH 52m POWER DISTRIBUTION SWITCH
REV1.0 - OCT 2021
logo
ON Semiconductor
KA5X02XX ONSEMI-KA5X02XX Datasheet
295Kb / 15P
   Power Switch
October-2017, Rev. 2
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
Clare, Inc.
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
   AC Power Switch
logo
Toshiba Semiconductor
SSM6J07FU TOSHIBA-SSM6J07FU_07 Datasheet
180Kb / 5P
   Power Management Switch
SSM6L09FU TOSHIBA-SSM6L09FU_07 Datasheet
214Kb / 8P
   Power Management Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com