Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25043P Datasheet(PDF) 1 Page - Xicor Inc.

Part # X25043P
Description  Programmable Watchdog Supervisory E2PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25043P Datasheet(HTML) 1 Page - Xicor Inc.

  X25043P Datasheet HTML 1Page - Xicor Inc. X25043P Datasheet HTML 2Page - Xicor Inc. X25043P Datasheet HTML 3Page - Xicor Inc. X25043P Datasheet HTML 4Page - Xicor Inc. X25043P Datasheet HTML 5Page - Xicor Inc. X25043P Datasheet HTML 6Page - Xicor Inc. X25043P Datasheet HTML 7Page - Xicor Inc. X25043P Datasheet HTML 8Page - Xicor Inc. X25043P Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
X25043/45
1
DESCRIPTION
The X25043/45 combines three popular functions,
Watchdog Timer, Voltage Supervision, and E2PROM in
a single package. This combination lowers the system
cost and reduces the board space requirements.
The Watchdog Timer provides an independent protec-
tion system for microcontrollers. During a system failure,
the X25043/45 watchdog will respond with a
RESET/
RESET signal after a selectable time-out interval. The
user selects the interval from three preset values. Once
selected, the interval does not change, even after cy-
cling the power.
The system is protected from low voltage conditions by
the X25043/45 low VCC detection circuits. When VCC
drops below the minimum VCC trip point, the system is
reset. Reset is asserted until VCC returns and stabilizes.
The memory portion of the X25043/45 is a CMOS 4096-
bit serial E2PROM, internally organized as 512 X 8. The
X25043/45 features a Serial Peripheral Interface (SPI)
and software protocol allowing operation on a simple
three-wire bus.
The X25043/45 utilizes Xicor’s proprietary Direct Write™
cell, providing a minimum endurance of 100,000 cycles
per byte and a minimum data retention of 100 years.
4K
X25043/45
512 x 8 Bit
©Xicor, Inc. 1994, 1995, 1996 Patents Pending
Characteristics subject to change without notice
3844-6.5 5/9/96 T4/C2/D2 NS
Direct Write™ is a trademark of Xicor, Inc.
Programmable Watchdog Supervisory E2PROM
FEATURES
Programmable Watchdog Timer
Low VCC Detection
Reset Signal Valid to VCC = 1V
1MHz Clock Rate
512 X 8 Bits Serial E2PROM
—4 Byte Page Mode
Low Power CMOS
—50
µA Standby Current
—3mA Active Current
2.7V To 5.5V Power Supply
Block LockTM
—Protect 1/4, 1/2 or all of E2PROM Array
Built-in Inadvertent Write Protection
—Power-Up/Power-Down protection circuitry
—Write Latch
—Write Protect Pin
High Reliability
—Endurance: 100,000 cycles per byte
—Data Retention: 100 Years
—ESD protection: 2000V on all pins
Available Packages
—8-Lead PDlP
—8-Lead SOIC
—14-Lead TSSOP
X25043 = Active LOW RESET
X25045 = Active HIGH RESET
DIE PHOTOGRAPH
APPLICATION NOTES
A V AILABLE
AN11 • AN21
3844 ILL F01
PROGRAMMABLE
VOLTAGE
SENSOR
PROGRAMMABLE
VOLTAGE
SENSOR
RESET
CONTROL
LOGIC
RESET
CONTROL
LOGIC
HIGH VOLTAGE GENERATOR
AND
CONTROL
HIGH VOLTAGE GENERATOR
AND
CONTROL
4K BITS E2PROM
4K BITS E2PROM
W
A
T
C
H
D
O
G
T
I
M
E
R
W
A
T
C
H
D
O
G
T
I
M
E
R
SERIAL
INTERFACE
LOGIC
SERIAL
INTERFACE
LOGIC


Similar Part No. - X25043P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
logo
IC MICROSYSTEMS
X25040 ICMIC-X25040 Datasheet
117Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040D ICMIC-X25040D Datasheet
117Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040DG ICMIC-X25040DG Datasheet
117Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040DP ICMIC-X25040DP Datasheet
117Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results

Similar Description - X25043P

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Catalyst Semiconductor
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
logo
Analog Devices
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com