Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25057S Datasheet(PDF) 2 Page - Xicor Inc.

Part # X25057S
Description  5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25057S Datasheet(HTML) 2 Page - Xicor Inc.

  X25057S Datasheet HTML 1Page - Xicor Inc. X25057S Datasheet HTML 2Page - Xicor Inc. X25057S Datasheet HTML 3Page - Xicor Inc. X25057S Datasheet HTML 4Page - Xicor Inc. X25057S Datasheet HTML 5Page - Xicor Inc. X25057S Datasheet HTML 6Page - Xicor Inc. X25057S Datasheet HTML 7Page - Xicor Inc. X25057S Datasheet HTML 8Page - Xicor Inc. X25057S Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
X25057
2
PIN DESCRIPTIONS
Serial Output (SO)
SO is a push/pull serial data output pin. During a read
cycle, data is shifted out on this pin. Data is clocked out
by the falling edge of the serial clock.
Serial Input (SI)
SI is a serial data input pin. All opcodes, byte addresses,
and data to be written to the memory are input on this
pin. Data is latched by the rising edge of the serial clock.
Serial Clock (SCK)
The Serial Clock controls the serial bus timing for data
input and output. Opcodes, addresses, or data present
on the SI pin are latched on the rising edge of the clock
input, while data on the SO pin change after the falling
edge of the clock input.
Chip Select (CS)
When CS is HIGH, the X25057 is deselected and the SO
output pin is at high impedance and unless an internal
write operation is underway, the X25057 will be in the
standby power mode. CS LOW enables the X25057,
placing it in the active power mode. It should be noted
that after power-up, a HIGH to LOW transition on CS is
required prior to the start of any operation.
Write Protect (WP)
When WP is LOW, nonvolatile writes to the X25057 are
disabled, but the part otherwise functions normally. When
WP is held HIGH, all functions, including nonvolatile
writes operate normally. WP going LOW while CS is still
LOW will interrupt a write to the X25057. If the internal
write cycle has already been initiated, WP going low will
have no affect on this write.
PIN NAMES
7033 FRM T01
PIN CONFIGURATION
PRINCIPLES OF OPERATION
The X25057 is a 512 x 8 E2PROM designed to interface
directly with the synchronous Serial Peripheral Interface
(SPI) of many popular microcontroller families.
The X25057 contains an 8-bit instruction register. It is
accessed via the SI input, with data being clocked in on
the rising edge of SCK. CS must be LOW and the WP
input must be HIGH during the entire operation. Table 1
contains a list of the instructions and their opcodes. All
instructions, addresses and data are transferred MSB first.
Data input is sampled on the first rising edge of SCK
after CS goes LOW. SCK is static, allowing the user to
stop the clock and then start it again to resume opera-
tions where left off.
Symbol
Description
CS
Chip Select Input
SO
Serial Output
SI
Serial Input
SCK
Serial Clock Input
WP
Write Protect Input
VSS
Ground
VCC
Supply Voltage
NC
No Connect
VCC
NC
SI
SCK
7033 FRM F02.1
SO
CS
VSS
WP
1
2
3
4
8
7
6
5
8 Lead MSOP
SCK
SI
VSS
WP
7033 FRM F02.2
NC
VCC
CS
SO
1
2
3
4
8
7
6
5
8 Lead TSSOP
VCC
NC
SCK
SI
7033 FRM F02
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
8 Lead SOIC/PDIP
X25057
X25057
X25057
*0.197"
*0.244"
0.120"
0.193"
0.122"
0.252"
Not to scale
*SOIC Measurement


Similar Part No. - X25057S

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25057S-1.8 ICMIC-X25057S-1.8 Datasheet
336Kb / 16P
   5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25057S-2.7 ICMIC-X25057S-2.7 Datasheet
336Kb / 16P
   5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25057SG-1.8 ICMIC-X25057SG-1.8 Datasheet
336Kb / 16P
   5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25057SG-2.7 ICMIC-X25057SG-2.7 Datasheet
336Kb / 16P
   5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25057SI-1.8 ICMIC-X25057SI-1.8 Datasheet
336Kb / 16P
   5MHz Low Power SPI Serial E2PROM with IDLock??Memory
More results

Similar Description - X25057S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25097 XICOR-X25097 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
logo
IC MICROSYSTEMS
X25057 ICMIC-X25057 Datasheet
336Kb / 16P
   5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25097 ICMIC-X25097 Datasheet
123Kb / 15P
   5MHz Low Power SPI Serial E2PROM with IDLockTM Memory
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com