Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6639-30CZBG Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6639-30CZBG
Description  1-Cell, 3-Pin, Step-Up DC/DC Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6639-30CZBG Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6639-30CZBG Datasheet HTML 1Page - Silicon Standard Corp. SS6639-30CZBG Datasheet HTML 2Page - Silicon Standard Corp. SS6639-30CZBG Datasheet HTML 3Page - Silicon Standard Corp. SS6639-30CZBG Datasheet HTML 4Page - Silicon Standard Corp. SS6639-30CZBG Datasheet HTML 5Page - Silicon Standard Corp. SS6639-30CZBG Datasheet HTML 6Page - Silicon Standard Corp. SS6639-30CZBG Datasheet HTML 7Page - Silicon Standard Corp. SS6639-30CZBG Datasheet HTML 8Page - Silicon Standard Corp. SS6639-30CZBG Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.SiliconStandard.com
1 of 12
SS6639
1-Cell, 3-Pin, Step-Up DC/DC Controller
n FEATURES
Guaranteed start-up from less than 0.9 V.
High efficiency.
Low quiescent current.
Fewer external components needed.
Low ripple and low noise.
Fixed output voltage: 2.7, 3.0V, 3.3V, and 5V.
Driver for external transistor.
Space-saving package: SOT-89 and TO-92.
n APPLICATIONS
Pagers.
Cameras.
Wireless Microphones.
Pocket Organizers.
Battery Backup Suppliers.
Portable Instruments.
n GENERAL DESCRIPTION
The SS6639 is a high efficiency step-up DC/DC
controller for applications using 1 to 4 battery cells. Only
three external components are required to deliver a
fixed output voltage of 2.7, 3.0V, 3.3V, or 5V. The
SS6639 starts up from less than 0.9V input with a 1mA
load. The Pulse Frequency Modulation scheme offers
optimized performance for applications with light output
loading and low input voltages. The output ripple and
noise are lower than with circuits operating in PSM
mode.
The PFM control circuit operating up to 100 KHz
switching rate results in smaller passive components.
The space-saving SOT-89 and TO-92 packages make
the SS6639 an ideal choice of DC/DC controller for
space-conscious
applications,
such
as
pagers,
electronic cameras, and wireless microphones.
Using an external transistor driver pin (EXT), the
SS6639 is recommended for applications requiring
currents from several tens to several hundreds of
milliamperes.
n TYPICAL APPLICATION CIRCUIT
SS6639-27
SS6639-30
SS6639-33
SS6639-50
GND
*Q1: Sanyo 25D1803S-TC 60V/5A/20W
+
EXT
D1
VOUT
VOUT
*Q1
2SD1803
C2
10nF
R1
L1
33
µH
VIN
+
C1
47
µF
300
GS SS14
C3
100
µF
100mA Load Current Step-Up Converter
Rev.2.01 6/26/2003


Similar Part No. - SS6639-30CZBG

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CNTB SSC-SS6630-3CNTB Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CNTR SSC-SS6630-3CNTR Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CSTB SSC-SS6630-3CSTB Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CSTR SSC-SS6630-3CSTR Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
More results

Similar Description - SS6639-30CZBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
logo
Maxim Integrated Produc...
MAX848 MAXIM-MAX848 Datasheet
166Kb / 16P
   1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
Rev 2; 12/97
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com