Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25128P Datasheet(PDF) 9 Page - Xicor Inc.

Part # X25128P
Description  SPI Serial E 2 PROM with Block Lock TM Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25128P Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X25128P Datasheet HTML 5Page - Xicor Inc. X25128P Datasheet HTML 6Page - Xicor Inc. X25128P Datasheet HTML 7Page - Xicor Inc. X25128P Datasheet HTML 8Page - Xicor Inc. X25128P Datasheet HTML 9Page - Xicor Inc. X25128P Datasheet HTML 10Page - Xicor Inc. X25128P Datasheet HTML 11Page - Xicor Inc. X25128P Datasheet HTML 12Page - Xicor Inc. X25128P Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
X25128
9
A.C. OPERATING CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified.)
Data Input Timing
3091 FM T12.2
Data Output Timing
3091 FM T13.2
Notes: (4) This parameter is periodically sampled and not 100% tested.
(5) tWC is the time from the rising edge of CS after a valid write sequence has been sent to the end of the self-timed internal
nonvolatile write cycle.
Symbol
Parameter
Min.
Max.
Units
fSCK
Clock Frequency
0
2
MHz
tCYC
Cycle Time
500
ns
tLEAD
CS Lead Time
250
ns
tLAG
CS Lag Time
250
ns
tWH
Clock HIGH Time
200
ns
tWL
Clock LOW Time
200
ns
tSU
Data Setup Time
50
ns
tH
Data Hold Time
50
ns
tRI
(4)
Data In Rise Time
2
µs
tFI
(4)
Data In Fall Time
2
µs
tHD
HOLD Setup Time
100
ns
tCD
HOLD Hold Time
100
ns
tCS
CS Deselect Time
2.0
µs
tWC
(5)
Write Cycle Time
10
ms
Symbol
Parameter
Min.
Max.
Units
fSCK
Clock Frequency
0
2
MHz
tDIS
Output Disable Time
250
ns
tV
Output Valid from Clock LOW
200
ns
tHO
Output Hold Time
0
ns
tRO
(4)
Output Rise Time
100
ns
tFO
(4)
Output Fall Time
100
ns
tLZ
(4)
HOLD HIGH to Output in Low Z
100
ns
tHZ
(4)
HOLD LOW to Output in Low Z
100
ns
A.C. CONDITIONS OF TEST
3091 FM T11
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall
Times
10ns
Input and Output
Timing Levels
VCC X 0.5
EQUIVALENT A.C. LOAD CIRCUIT
OUTPUT
3091 FM F09.1
5V
1.44K
1.95K
100pF
OUTPUT
3V
1.64K
4.63K
100pF


Similar Part No. - X25128P

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25128P ICMIC-X25128P Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128P-2.7 ICMIC-X25128P-2.7 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128PG ICMIC-X25128PG Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128PG-2.7 ICMIC-X25128PG-2.7 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128PI ICMIC-X25128PI Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25128P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
logo
Xicor Inc.
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com