Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6642-27GXTR Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6642-27GXTR
Description  3-Pin Simple Step-Up DC/DC Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6642-27GXTR Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6642-27GXTR Datasheet HTML 1Page - Silicon Standard Corp. SS6642-27GXTR Datasheet HTML 2Page - Silicon Standard Corp. SS6642-27GXTR Datasheet HTML 3Page - Silicon Standard Corp. SS6642-27GXTR Datasheet HTML 4Page - Silicon Standard Corp. SS6642-27GXTR Datasheet HTML 5Page - Silicon Standard Corp. SS6642-27GXTR Datasheet HTML 6Page - Silicon Standard Corp. SS6642-27GXTR Datasheet HTML 7Page - Silicon Standard Corp. SS6642-27GXTR Datasheet HTML 8Page - Silicon Standard Corp. SS6642-27GXTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.SiliconStandard.com
1 of 22
SS6642G
1/15/2005 Rev.2.10
3-Pin Simple Step-Up DC/DC Converter
FEATURES
DESCRIPTION
A guaranteed start-up from less than 0.9 V.
High efficiency.
Low quiescent current.
Fewer external components needed.
Low ripple and low noise.
Fixed output voltage: 2.7V, 3.0V, 3.3V, 3.7V,
4.5V and 5V.
Space-saving packages: SOT-23, SOT-89 and
TO-92.
APPLICATIONS
Pagers.
Cameras.
Wireless Microphones.
Pocket Organizers.
Battery Backup Suppliers.
Portable Instruments.
The SS6642G is a high efficiency step-up DC/DC
converter for applications using 1 to 4 NiMH bat-
tery cells. Only three external components are re-
quired to deliver a fixed output voltage of 2.7V,
3.0V, 3.3V, 3.7V, 4.5V or 5V. The SS6642G starts
up from less than 0.9V input with 1mA load. A
Pulse Frequency Modulation scheme optimizes
performance for applications with light output
loading and low input voltages. The output ripple
and noise are lower when compared with circuits
operating in PSM mode.
The PFM control circuit operating at a 100KHz
(max.) switching rate results in smaller passive
components. The space saving SOT-23, SOT-
89 and TO-92 packages make the SS6642G an
ideal choice for DC/DC converter for space con-
scious applications, such as pagers, electronic
cameras, and wireless microphones.
TYPICAL APPLICATION CIRCUIT
D1
SS12
VOUT
SW
GND
SS6642-xxG
C2
47
µF
+
VOUT
L1
100
µH
VIN
+
C1
22
µF
One Cell Step-Up DC/DC Converter
Pb-free, RoHS compliant.


Similar Part No. - SS6642-27GXTR

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS6642 SENSITRON-SS6642 Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
SS6642U SENSITRON-SS6642U Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
SS6642US SENSITRON-SS6642US Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
More results

Similar Description - SS6642-27GXTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6638G SSC-SS6638G Datasheet
909Kb / 19P
   Simple 3-Pin Step-Up DC/DC Converter
logo
Power Analog Micoelectr...
PAM2400 PAM-PAM2400 Datasheet
203Kb / 14P
   3-Pin Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com