Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAEP13023 Datasheet(PDF) 2 Page - Productwell Precision Elect.CO.,LTD

Part # SAEP13023
Description  ADSL LINE TRANSFORMER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

SAEP13023 Datasheet(HTML) 2 Page - Productwell Precision Elect.CO.,LTD

  SAEP13023 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD SAEP13023 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD SAEP13023 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD SAEP13023 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD SAEP13023 Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
l SPECIFICATIONS
PART NO
Turn Ratio
(
±2%)
OCL
@ 10KHz/0.1V
Leakage Inductance
(
μH Max)
Longitudinal
Balance(dB Min)
SAEP13007
1:1
(PRI):(SEC)
5.0 mH
±10%
(1-4), (2+3)short
18uH@100KHz/0.1V (1-4),
(2+3,7+10,8+9)short
-40 dB
@20KHz to 1.1MHz
SAEP13008
1:1
Pin (1-4):(10-7)
5.0 mH
±10%
(1-4),(2+3)
(10-7),(8+9)short
18uH @ 100KHz/0.1V(1-4)
(2+3,10+7,9+8)short
-40 dB
@25KHz to 1.1 MHz
SAEP13009
1:1
Pin (1-4):(10-7)
470 uH
±5%
(10-7),(8+9)short
10uH @ 300KHz/0.1V
(10-7),(2+3,1+4,9+8)short
-50 dB
@20KHz to 1.1 MHz
SAEP13010
2:1
Pin(1-4):(10-7)
800 uH
±5%
(1-4),(2+3)short
10uH @ 100KHz/0.1V
(1-4),(2+3,10+7,9+8)short
-45 dB
@10KHz to 1MHz
SAEP13011
1:1
Pin(10-6) :(1-5)
200 uH Min
(10-6),(1-5)
60uH @10KHz/500mVac
(10-6),(1+5)short
-40 dB
@1KHz to 100 KHz
SAEP13012
1:1
Pin (3-8) :(1-10)
1025 uH
±5%
(1-10),(2+9)short
10uH @ 300KHz/1V
(1-10),(2+9,3+8,5+6)short
-45 dB
@ 30KHz to 1.1MHz
SAEP13013
1:1
Pin(1-5): (10-6)
430 uH
±10%
(1-5),(2+4)short
(10-6),(9+7)short
10uH @ 100KHz/0.1V
(10-6),(2+4,7+9,1+5)short
-40 dB
@30KHz to 1.1 KHz
SAEP13014
1:1
Pin(1-4): (10-7)
430 uH
±10%
(1-4),(2+3)short
(10-7),(8+9)short
10uH @ 100KHz/0.1V
(1-4),(2+3,8+9,10+7)short
-40 dB
@25KHz to 1.1 KHz
SAEP13015
1:1Pin
(1-4):(7-10)
480 uH
±6%
(1-4),(2+3)short
10uH @ 300KHz/0.1V
(1-4),(2+3,7+10,8+9)short
-40 dB
@30KHz to 1.1KHz
SAEP13016
1:1
Pin (1-4):(10-7)
480 uH
±10%
(1-4),(3+2)short
10uH @ 300KHz/0.1V
(1-4),(2+3,7+10,8+9)short
-40 dB
@30KHz to 1.1KHz
SAEP13017
1:1
Pin(1-4):(10-7)
440 uH
±5%
(1-4),(2+3)short
10uH @ 300KHz/0.1V
(1-4),(2+3,10+7,8+9)short
-45 dB
@20KHz to 1.1MHz
SAEP13018
2:1 Pin
(10-6):(1-5)
440 uH
±5%
(10-6),(7+9)short
10uH @ 100 KHz/0.1V
(10-6),(1+5,2+4,7+9)short
-40 dB
@30 KHz to 1.1MHz
SAEP13019
1.2:1
Pin(10-7):(1-4)
5mH
±10%
(10-7),(8+9)short
12uH @ 10KHz/0.1V
(10-7),(8+9,3+2,1+4)short
-
SAEP13020
1:1
Pin (1-4):(10-7)
5 mH
±10%(10-7),
(8+9)&(1-4).(2+3)
short
15uH @ 100KHz/0.1V
(1-4),(2+3,10+7,9+8)short
-40 dB
@30KHz to 1.1 MHz
SAEP SERIES
ADSL LINE TRANSFORMER
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
62


Similar Part No. - SAEP13023

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
SAE-AS22759 ULTI-MATE-SAE-AS22759 Datasheet
44Kb / 1P
   Micro-D Wired Standard Profile 15 Pin High Profile Slotted Head Jackscrew 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Cadmium Metal Shell 125 Max Temp No QPL
10-12-06
logo
Advantech Co., Ltd.
SAE-J2284 ADVANTECH-SAE-J2284 Datasheet
209Kb / 2P
   Intelligent Cellular LTE OBD Data Interface – GPS, Category M1
22-Mar-2021
logo
Siemens Semiconductor G...
SAE0530 SIEMENS-SAE0530 Datasheet
764Kb / 21P
   PROGRAMMABLE TIMER
SAE0531 SIEMENS-SAE0531 Datasheet
764Kb / 21P
   PROGRAMMABLE TIMER
SAE0532 SIEMENS-SAE0532 Datasheet
764Kb / 21P
   PROGRAMMABLE TIMER
More results

Similar Description - SAEP13023

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-2013 BOTHHAND-AD-2013 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2016 BOTHHAND-AD-2016 Datasheet
52Kb / 1P
   ADSL LINE TRANSFORMER
AD-2031 BOTHHAND-AD-2031 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2926S BOTHHAND-AD-2926S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-2951 BOTHHAND-AD-2951 Datasheet
361Kb / 1P
   ADSL LINE TRANSFORMER
AD-5028S BOTHHAND-AD-5028S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-5970S BOTHHAND-AD-5970S Datasheet
254Kb / 1P
   ADSL LINE TRANSFORMER
logo
XFMRS Inc.
XFADSL46 XFMRS-XFADSL46 Datasheet
70Kb / 1P
   ADSL Line Transformer
logo
Bothhand USA, LP.
AD-2181 BOTHHAND-AD-2181 Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMER
AD-5070S BOTHHAND-AD-5070S Datasheet
96Kb / 1P
   ADSL LINE TRANSFORMER
XM-6027S BOTHHAND-XM-6027S Datasheet
71Kb / 1P
   ADSL LINE TRANSFORMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com