Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

020180M0002M417ZA Datasheet(PDF) 8 Page - SUYIN USA, INC.

Part # 020180M0002M417ZA
Description  RJ45STACK USB W/LED & W/O TRANSFORMER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUYIN-USA [SUYIN USA, INC.]
Direct Link  http://www.suyinusa.com
Logo SUYIN-USA - SUYIN USA, INC.

020180M0002M417ZA Datasheet(HTML) 8 Page - SUYIN USA, INC.

  020180M0002M417ZA Datasheet HTML 1Page - SUYIN USA, INC. 020180M0002M417ZA Datasheet HTML 2Page - SUYIN USA, INC. 020180M0002M417ZA Datasheet HTML 3Page - SUYIN USA, INC. 020180M0002M417ZA Datasheet HTML 4Page - SUYIN USA, INC. 020180M0002M417ZA Datasheet HTML 5Page - SUYIN USA, INC. 020180M0002M417ZA Datasheet HTML 6Page - SUYIN USA, INC. 020180M0002M417ZA Datasheet HTML 7Page - SUYIN USA, INC. 020180M0002M417ZA Datasheet HTML 8Page - SUYIN USA, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page 8 of 8
SUYIN CORPORATION
SPECIFICATION
DOCUMENT NO.: 020180M0002M417ZA
SUYIN P/N.
: 020180M0002M417ZA
CUSTOMER P/N. :
DESC. : RJ45+STACK USB W/LED &
W/O TRANSFORMER
8
STORAGE REQUIRMENTS
All products shall be packaged against any physical damage and corrosion during
shipment or in storage.
9
RECOMMEND WAVE SOLDERING PROFILE
Time(seconds)
PARAMETER
REFERENCE
LEAD FREE
SPECIFICATION
PREHEAT TEMPERATURE GRADIENT
+1~4
℃/sec
PREHEAT TIME
t1
2~3 MIN
PREHEAT TEMPERATURE
T1
>100
SOLDER POT TEMPERATURE
T PEAK
260
℃±5℃
DWELL TIME
t2
3.5 SEC
PEAK BOARD TOP TEMPERATURE
190
COOLING TEMPERATURE GRADIENT
-6
℃/SEC MAX.


Similar Part No. - 020180M0002M417ZA

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
020180M0002M449ZA SUYIN-USA-020180M0002M449ZA Datasheet
212Kb / 8P
   RJ45STACK USB W/LED & W/O TRANSFORMER
More results

Similar Description - 020180M0002M417ZA

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
020180M0007M417ZA SUYIN-USA-020180M0007M417ZA Datasheet
214Kb / 8P
   RJ45STACK USB W/LED & W/O TRANSFORMER
020180M0004M417ZA SUYIN-USA-020180M0004M417ZA Datasheet
214Kb / 8P
   RJ45STACK USB W/LED & W/O TRANSFORMER
020180M0002M449ZA SUYIN-USA-020180M0002M449ZA Datasheet
212Kb / 8P
   RJ45STACK USB W/LED & W/O TRANSFORMER
020180M9047M401ZA SUYIN-USA-020180M9047M401ZA Datasheet
224Kb / 9P
   RJ45STACK USB W/LED & TRANSFORMER
020180M9048M401ZA SUYIN-USA-020180M9048M401ZA Datasheet
224Kb / 9P
   RJ45STACK USB W/LED & TRANSFORMER
020180MHAJ7M401ZA SUYIN-USA-020180MHAJ7M401ZA Datasheet
231Kb / 9P
   RJ45STACK USB W/LED & TRANSFORMER
020180M90R4M401ZA SUYIN-USA-020180M90R4M401ZA Datasheet
226Kb / 9P
   RJ45STACK USB W/LED & TRANSFORMER
020180M90T7M417ZA SUYIN-USA-020180M90T7M417ZA Datasheet
226Kb / 9P
   RJ45STACK USB W/LED & TRANSFORMER
020180M9044M401ZA SUYIN-USA-020180M9044M401ZA Datasheet
227Kb / 9P
   RJ45STACK USB W/LED & TRANSFORMER
020180M9044M565ZA SUYIN-USA-020180M9044M565ZA Datasheet
227Kb / 9P
   RJ45STACK USB W/LED & TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com