Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3418D-820M Datasheet(PDF) 3 Page - Productwell Precision Elect.CO.,LTD

Part # TC3418D-820M
Description  TOROID INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

TC3418D-820M Datasheet(HTML) 3 Page - Productwell Precision Elect.CO.,LTD

  TC3418D-820M Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD TC3418D-820M Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD TC3418D-820M Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD TC3418D-820M Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
l SPECIFICAL GUIDE FOR STANDARD COIL(TEST FREQ:1.0KHZ/0.25V)
PART NO
L(
μH)
At IDC=0A
DCR
(m
Ω)max
Imax
(A)
L(
μH)
At IDC max
A
(mm max)
B
(mm max)
TC2010D-580M
58
0.061
2
45
20.0
10.0
TC2113D-900M
90
0.044
3
52.5
20.5
12.5
TC2010D-111M
110
0.069
2
79
19.5
10.0
TC1009D-131M
130
0.146
1
116
19.0
9.0
TC2111D-471M
470
0.286
1
310
21.0
11.0
TC2411D-250M
25
0.016
5
18
24.0
10.5
TC2410D-320M
32
0.021
4
24
23.5
10.0
TC2310D-430M
43
0.030
3
30
23.0
9.5
TC2209D-650M
65
0.055
2
55
22.0
9.0
TC2411D-111M
110
0.042
4
56
23.5
11.0
TC2311D-131M
130
0.055
3
77
23.0
10.5
TC2208D-151M
150
0.159
1
137
21.5
7.5
TC2310D-231M
230
0.108
2
148
22.5
9.5
TC2209D-501M
500
0.300
1
355
22.0
9.0
TC2712D-500M
50
0.022
5.0
33
26.5
12.0
TC2712D-600M
60
0.030
4.0
42
26.5
11.5
TC2611D-750M
75
0.039
3.0
54
25.5
11.0
TC2511D-820M
82
0.042
3.0
60
24.5
10.5
TC2713D-101M
100
0.033
5.0
53
26.5
12.5
TC2510D-111M
110
0.074
2.0
90
25.0
10.0
TC2714D-151M
150
0.042
5.0
68
27.0
13.5
TC2713D-221M
220
0.059
4.0
105
26.5
13.0
TC2612D-271M
270
0.081
3.0
140
26.0
12.0
TC2511D-321M
320
0.131
2.0
193
25.0
10.5
TC2511D-431M
430
0.150
2.0
246
25.0
11.0
TC2511D-961M
960
0.438
1.0
625
25.0
11.0
TC3016D-900M
90
0.034
5.0
54
29.5
15.5
TC2815D-141M
140
0.064
3.0
98
28.0
14.5
TC2814D-201M
200
0.114
2.0
154
28.0
14.0
TC3017D-321M
320
0.068
5.0
120
29.5
17.0
TC2814D-451M
450
0.174
2.0
280
28.0
14.0
TC2713D-471M
470
0.354
1.0
398
26.5
13.0
TC SERIES
TOROID INDUCTORS
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
25


Similar Part No. - TC3418D-820M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC341 TI-TC341 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC341-20 TI-TC341-20 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC341-30 TI-TC341-30 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC341-40 TI-TC341-40 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
More results

Similar Description - TC3418D-820M

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
LCPI EATON-LCPI Datasheet
423Kb / 6P
   Toroid power inductors
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
   High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
   High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
   High Current Toroid Inductors
2318-H-RC BOURNS-2318-H-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
7001-RC BOURNS-7001-RC Datasheet
121Kb / 1P
   Dual-Line Toroid Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com