Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25057V-2.7 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X25057V-2.7
Description  5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25057V-2.7 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X25057V-2.7 Datasheet HTML 5Page - Xicor Inc. X25057V-2.7 Datasheet HTML 6Page - Xicor Inc. X25057V-2.7 Datasheet HTML 7Page - Xicor Inc. X25057V-2.7 Datasheet HTML 8Page - Xicor Inc. X25057V-2.7 Datasheet HTML 9Page - Xicor Inc. X25057V-2.7 Datasheet HTML 10Page - Xicor Inc. X25057V-2.7 Datasheet HTML 11Page - Xicor Inc. X25057V-2.7 Datasheet HTML 12Page - Xicor Inc. X25057V-2.7 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
X25057
9
A.C. CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.)
Data Input Timing
7033 FRM T10
Notes: (3) This parameter is periodically sampled and not 100% tested.
(4) tWC is the time from the rising edge of CS after a valid write sequence has been sent to the end of the self-timed internal nonvolatile
write cycle.
Symbol
Parameter
Voltage
Min.
Max.
Units
fSCK
Clock Frequency
2.7V–5.5V
1.8V–3.6V
0
5
3.3
MHz
tCYC
Cycle Time
2.7V–5.5V
1.8V–3.6V
200
300
ns
tLEAD
CS Lead Time
2.7V–5.5V
1.8V–3.6V
100
150
ns
tLAG
CS Lag Time
2.7V–5.5V
1.8V–3.6V
100
150
ns
tWH
Clock HIGH Time
2.7V–5.5V
1.8V–3.6V
80
130
ns
tWL
Clock LOW Time
2.7V–5.5V
1.8V–3.6V
80
130
ns
tSU
Data Setup Time
20
ns
tH
Data Hold Time
20
ns
tRI
(3)
Data In Rise Time
2
µs
tFI
(3)
Data In Fall Time
2
µs
tCS
CS Deselect Time
100
ns
tWC
(4)
Write Cycle Time
10
ms
A.C. TEST CONDITIONS
7033 FRM T09
Input Pulse Levels
VCC x 0.1 to
VCC x 0.9
Input Rise and Fall
Times
10ns
Input and Output
Timing Level
VCC X 0.5
EQUIVALENT A.C. LOAD CIRCUIT
OUTPUT
5V
2061
3025
30pF
OUTPUT
3.3V
2696
5288
30pF
OUTPUT
2V
2800
5600
30pF
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5.0V.
7033 FRM T08
Symbol
Parameter
Max.
Units
Conditions
COUT
(3)
Output Capacitance (SO)
8
pF
VOUT = 0V
CIN
(3)
Input Capacitance (SCK, SI, CS, WP)
6
pF
VIN = 0V
7033 FRM F09.1


Similar Part No. - X25057V-2.7

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25057V-2.7 ICMIC-X25057V-2.7 Datasheet
336Kb / 16P
   5MHz Low Power SPI Serial E2PROM with IDLock??Memory
More results

Similar Description - X25057V-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25097 XICOR-X25097 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
logo
IC MICROSYSTEMS
X25057 ICMIC-X25057 Datasheet
336Kb / 16P
   5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25097 ICMIC-X25097 Datasheet
123Kb / 15P
   5MHz Low Power SPI Serial E2PROM with IDLockTM Memory
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com