Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPDR0705-100K Datasheet(PDF) 3 Page - Productwell Precision Elect.CO.,LTD

Part # SPDR0705-100K
Description  UNSHIELDED SMD POWER INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

SPDR0705-100K Datasheet(HTML) 3 Page - Productwell Precision Elect.CO.,LTD

  SPDR0705-100K Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD SPDR0705-100K Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD SPDR0705-100K Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD SPDR0705-100K Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD SPDR0705-100K Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD SPDR0705-100K Datasheet HTML 6Page - Productwell Precision Elect.CO.,LTD SPDR0705-100K Datasheet HTML 7Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPDR SERIES
UNSHIELDED SMD POWER INDUCTORS
l SPDR0504/SPDR00703 SERIES ELECTRICAL SPECIFICATION
PART NO
L
(
μH)
RDC Max.
(
Ω)
IDC
Max(A)
TEST FREQ
SPDR0504-3R9M
3.9
0.050
2.90
7.96MHZ
SPDR0504-4R7M
4.7
0.060
2.80
7.96MHZ
SPDR0504-5R6M
5.6
0.070
2.40
7.96MHZ
SPDR0504-6R8M
6.8
0.080
2.10
7.96MHZ
SPDR0504-8R2M
8.2
0.090
2.00
7.96MHZ
SPDR0504-100M
10
0.10
1.44
2.52MHz
SPDR0504-120M
12
0.12
1.40
2.52MHz
SPDR0504-150M
15
0.14
1.30
2.52MHz
SPDR0504-180M
18
0.15
1.23
2.52MHz
SPDR0504-220M
22
0.18
1.10
2.52MHz
SPDR0504-270M
27
0.20
0.97
2.52MHz
SPDR0504-330L
33
0.23
0.88
2.52MHz
SPDR0504-390L
39
0.32
0.80
2.52MHz
SPDR0504-470L
47
0.37
0.72
2.52MHz
SPDR0504-560K
56
0.42
0.68
2.52MHz
SPDR0504-680K
68
0.46
0.61
2.52MHz
SPDR0504-820K
82
0.60
0.58
2.52MHz
SPDR0504-101K
100
0.70
0.52
1KHz
SPDR0504-121K
120
0.93
0.48
1KHz
SPDR0504-151K
150
1.10
0.40
1KHz
SPDR0504-181K
180
1.38
0.38
1KHz
SPDR0504-221K
220
1.57
0.35
1KHz
SPDR0504-271K
270
1.65
0.32
1KHz
SPDR0504-331K
330
1.70
0.28
1KHz
SPDR0504-391K
390
1.80
0.26
1KHz
SPDR0504-471K
470
2.30
0.23
1KHz
SPDR0504-561K
560
2.50
0.20
1KHz
SPDR0504-681K
680
3.00
0.19
1KHz
SPDR0504-821K
820
4.50
0.16
1KHz
SPDR0504-102K
1000
4.80
0.14
1KHz
SPDR0703-100M
10±20%
0.08
1.44
2.52MHz
SPDR0703-120M
12±20%
0. 09
1.39
2.52MHz
SPDR0703-150M
15±20%
0.10
1.24
2.52MHz
SPDR0703-180M
18±20%
0.11
1.12
2.52MHz
SPDR0703-220M
22±20%
0.13
1.07
2.52MHz
SPDR0703-270M
27±20%
0.15
0.94
2.52MHz
SPDR0703-330M
33±15%
0.17
0.85
2.52MHz
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
40


Similar Part No. - SPDR0705-100K

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPDR SSDI-SPDR Datasheet
75Kb / 2P
   20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
logo
Productwell Precision E...
SPDR655312-100M PRODUCTWELL-SPDR655312-100M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
SPDR655312-160M PRODUCTWELL-SPDR655312-160M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
SPDR655312-220M PRODUCTWELL-SPDR655312-220M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
SPDR655312-2R2M PRODUCTWELL-SPDR655312-2R2M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
More results

Similar Description - SPDR0705-100K

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com