Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPDR0705-181K Datasheet(PDF) 2 Page - Productwell Precision Elect.CO.,LTD

Part # SPDR0705-181K
Description  UNSHIELDED SMD POWER INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

SPDR0705-181K Datasheet(HTML) 2 Page - Productwell Precision Elect.CO.,LTD

  SPDR0705-181K Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD SPDR0705-181K Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD SPDR0705-181K Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD SPDR0705-181K Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD SPDR0705-181K Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD SPDR0705-181K Datasheet HTML 6Page - Productwell Precision Elect.CO.,LTD SPDR0705-181K Datasheet HTML 7Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPDR SERIES
UNSHIELDED SMD POWER INDUCTORS
l SPDR0403/ SPDR0504 SERIES ELECTRICAL SPECIFICATION
PART NO
L
(
μH)
RDC Max.
(
Ω)
IDC
Max(A)
TEST FREQ
SPDR0403-1R0M
1.0
0.049
2.56
7.96MHz
SPDR0403-1R4M
1.4
0.057
2.52
7.96MHz
SPDR0403-1R8M
1.8
0.064
1.95
7.96MHz
SPDR0403-2R2M
2.2
0.072
1.75
7.96MHz
SPDR0403-2R7M
2.7
0.079
1.58
7.96MHz
SPDR0403-3R3M
3.3
0.087
1.44
7.96MHz
SPDR0403-3R9M
3.9
0.094
1.33
7.96MHz
SPDR0403-4R7M
4.7
0.109
1.15
7.96MHz
SPDR0403-5R6M
5.6
0.126
0.99
7.96MHz
SPDR0403-6R8M
6.8
0.132
0.93
7.96MHz
SPDR0403-8R2M
8.2
0.147
0.84
7.96MHz
SPDR0403-100M
10
0.182
1.04
2.52MHz
SPDR0403-120M
12
0.210
0.94
2.52MHz
SPDR0403-150M
15
0.235
0.85
2.52MHz
SPDR0403-180M
18
0.338
0.74
2.52MHz
SPDR0403-220M
22
0.378
0.68
2.52MHz
SPDR0403-270M
27
0.522
0.62
2.52MHz
SPDR0403-330K
33
0.540
0.56
2.52MHz
SPDR0403-390K
39
0.587
0.52
2.52MHz
SPDR0403-470K
47
0.844
0.44
2.52MHz
SPDR0403-560K
56
0.937
0.42
2.52MHz
SPDR0403-680K
68
1.117
0.37
2.52MHz
SPDR0403-820K
82
1.20
0.48
2.52 MHz
SPDR0403-121K
120
1.04
0.30
1KHz
SPDR0403-152K
1500
15.0
0.05
1KHz
SPDR0403-172K
1700
16.0
0.04
1KHz
SPDR0504-1R0M
1.0
0.015
5.90
7.96MHZ
SPDR0504-1R2M
1.2
0.020
5.20
7.96MHZ
SPDR0504-1R5M
1.5
0.025
4.70
7.96MHZ
SPDR0504-1R8M
1.8
0.030
4.00
7.96MHZ
SPDR0504-2R2M
2.2
0.035
3.80
7.96MHZ
SPDR0504-2R7M
2.7
0.040
3.40
7.96MHZ
SPDR0504-3R3M
3.3
0.045
3.30
7.96MHZ
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
39


Similar Part No. - SPDR0705-181K

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPDR SSDI-SPDR Datasheet
75Kb / 2P
   20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
logo
Productwell Precision E...
SPDR655312-100M PRODUCTWELL-SPDR655312-100M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
SPDR655312-160M PRODUCTWELL-SPDR655312-160M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
SPDR655312-220M PRODUCTWELL-SPDR655312-220M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
SPDR655312-2R2M PRODUCTWELL-SPDR655312-2R2M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
More results

Similar Description - SPDR0705-181K

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com