Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5819WS Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # B5819WS
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

B5819WS Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  B5819WS Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. B5819WS Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. B5819WS Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. B5819WS Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Schottky Barrier Diode
B5817WS-B5819WS
FEATURES
Pb
Lead-free
Extremely low VF.
Low stored change,majority carrier
conduction.
Low power loss/high efficient
APPLICATIONS
For Use In Low Voltage, High Frequency Inverters.
SOD-323
Free Wheeling, And Polarity Protection Applications.
ORDERING INFORMATION
Type No.
Marking
Package Code
B5817WS
SJ
SOD-323
B5818WS
SK
SOD-323
B5819WS
SL
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
symbol
B5817WS
B5818WS
B5819WS
Unit
Non-Repetitive Peak reverse voltage
VRM
20
30
40
V
Peak repetitive Peak reverse voltage
Working Peak Reverse voltage
DC Reverse Voltage
VRRM
VRWM
VR
20
30
40
V
RMS Reverse Voltage
VR(RMS)
14
21
28
V
Average Rectified output Current
Io
1
A
Peak forward surge current@=8.3ms
IFSM
25
A
Repetitive Peak Forward Current
IFRM
625
mA
Power Dissipation
Pd
250
mW
Thermal Resistance Junction to Ambient
RθJA
500
/W
Storage temperature
TSTG
-65~+150
www.shunyegroup.com


Similar Part No. - B5819WS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
B5819WS RECTRON-B5819WS Datasheet
364Kb / 5P
   Plastic-Encapsulate Schottky Barrier Diode
2021-09/11 REV:A
logo
Jiangsu Changjiang Elec...
B5819WS JIANGSU-B5819WS Datasheet
126Kb / 2P
   SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
B5819WS TSC-B5819WS Datasheet
144Kb / 5P
   SOD-323 20~40V/1A Schottky Diode
logo
Nanjing International G...
B5819WS DGNJDZ-B5819WS Datasheet
572Kb / 3P
   SOD-323 Plastic-Encapsulate Diodes
logo
AiT Semiconductor Inc.
B5819WS AITSEMI-B5819WS Datasheet
456Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 40V FORWARD CURRENT 1A
REV1.0
More results

Similar Description - B5819WS

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com