Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCDR575047-470 Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # SCDR575047-470
Description  UNSHIELDED SMD CHIP CHOKES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

SCDR575047-470 Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  SCDR575047-470 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD SCDR575047-470 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD SCDR575047-470 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD SCDR575047-470 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD SCDR575047-470 Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD SCDR575047-470 Datasheet HTML 6Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
l FEATURES
High frequency design﹑excellent Q value excellent
SRF/high reliability excellent thermal stability
l APPLICATIONS
Pagers, Cordless phone﹑High Freq﹑Communication
Products﹑Personal computers﹑Disk Drivers and
computer peripherals﹑DC power supply circuits
l DIMENSIONS
UNIT :mm
TYPE
A
B
C
D
E(Min)
F(Min)
SCDR321618
3.2
±0.3
1.6
±0.2
2.3
±0.2
1.8
±0.2
0.9
1.0
SCDR322520
3.2
±0.3
2.5
±0.2
2.5
±0.2
2.0
±0.2
0.9
1.0
SCDR453226
4.5
±0.3
3.2
±0.2
3.6
±0.2
2.6
±0.2
1.0
1.2
SCDR575047
5.7
±0.3
5.0
±0.2
5.0
±0.2
4.7
±0.2
1.3
1.7
SCDR SERIES
UNSHIELDED SMD CHIP CHOKES
MECHANICALS
CONSTRUCTION
特征
具有高頻﹑Q 值﹑高可靠性﹑抗電磁
干擾
用途
尋呼機 ﹑ 無線電話﹑高頻通訊產品
個人電腦﹑磁碟驅動器及電腦外設﹑
直流電源電路.
l PART NUMBERING SYSTEM(品名規定)
S C D R
3 2 1 6 1 8
1 0 0
K
1
2
3
4
SMD CHIP
DIMENSIONS
INDUCTANCE
TOLERANCE CODE
CHOKES
A 、B、C
DIM
10*10
0=10uH
J :
±5% K: ±10% L±15%
M:
±20% P: ±25% N: ±30%
微型表面貼裝扼流圈
(DR 型磁芯)
尺寸
電感值
公差
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
32
F
E
B
A
C


Similar Part No. - SCDR575047-470

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SCDRX2ES FUMAN-SCDRX2ES Datasheet
271Kb / 7P
   Five-function remote control IC
More results

Similar Description - SCDR575047-470

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-1210CCMC161STS PULSE-PE-1210CCMC161STS Datasheet
1Mb / 4P
   SMD CHIP CHOKES Wire-Wound Series
logo
Abracon Corporation
ASPI-0309 ABRACON-ASPI-0309 Datasheet
3Mb / 3P
   ULTRA LOW PROFILE UNSHIELDED SMD CHIP POWER INDUCTOR
03.24.11
logo
Allied Components Inter...
SMTC3726-3R8M-RC ALLIED-SMTC3726-3R8M-RC Datasheet
369Kb / 1P
   SMD TOROIDAL CHOKES
SMTC6852-110M-RC ALLIED-SMTC6852-110M-RC Datasheet
616Kb / 1P
   SMD TOROIDAL CHOKES
SMTC3726 ALLIED-SMTC3726 Datasheet
361Kb / 1P
   SMD TOROIDAL CHOKES
SMTC6852 ALLIED-SMTC6852 Datasheet
408Kb / 1P
   SMD TOROIDAL CHOKES
logo
Nuvotem Talema
CUJ-240-16E TALEMA-CUJ-240-16E Datasheet
118Kb / 2P
   Miniature Chip Style SMD Common Mode Filter Chokes
logo
Abracon Corporation
AISC-2220H ABRACON-AISC-2220H Datasheet
1Mb / 3P
   UNSHIELDED SMD POWER INDUCTOR
12.28.12
ASPI-5619 ABRACON-ASPI-5619 Datasheet
1Mb / 3P
   SMD Unshielded Power Inductor
10.03.13
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com