Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPDR1004-680K Datasheet(PDF) 4 Page - Productwell Precision Elect.CO.,LTD

Part # SPDR1004-680K
Description  UNSHIELDED SMD POWER INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

SPDR1004-680K Datasheet(HTML) 4 Page - Productwell Precision Elect.CO.,LTD

  SPDR1004-680K Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD SPDR1004-680K Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD SPDR1004-680K Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD SPDR1004-680K Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD SPDR1004-680K Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD SPDR1004-680K Datasheet HTML 6Page - Productwell Precision Elect.CO.,LTD SPDR1004-680K Datasheet HTML 7Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPDR SERIES
UNSHIELDED SMD POWER INDUCTORS
l SPDR0703/SPDR0705 SERIES ELECTRICAL SPECIFICATION
PART NO
L
(
μH)
RDC Max.
(
Ω)
IDC
Max(A)
TEST FREQ
SPDR0703-390M
39±15%
0.22
0.74
2.52MHz
SPDR0703-470M
47±15%
0.25
0.68
2.52MHz
SPDR0703-560K
56±10%
0.28
0.64
2.52MHz
SPDR0703-680K
68±10%
0.33
0.59
2.52MHz
SPDR0703-820K
82±10%
0.41
0.54
2.52MHz
SPDR0703-101K
100±10%
0.48
0.51
1KHz
SPDR0703-121K
120±10%
0.54
0.49
1KHz
SPDR0703-151K
150±10%
0.75
0.40
1KHz
SPDR0703-181K
180±10%
1.02
0.36
1KHz
SPDR0703-221K
220±10%
1.20
0.31
1KHz
SPDR0703-271K
270±10%
1.31
0.29
1KHz
SPDR0703-331K
330±10%
1.50
0.28
1KHz
SPDR0705-100K
10
0.07
2.30
2.52MHz
SPDR0705-120K
12
0.08
2.00
2.52MHz
SPDR0705-150K
15
0.09
1.80
2.52MHz
SPDR0705-180K
18
0.10
1.60
2.52MHz
SPDR0705-220K
22
0.11
1.50
2.52MHz
SPDR0705-270K
27
0.12
1.30
2.52MHz
SPDR0705-330K
33
0.13
1.20
2.52MHz
SPDR0705-390K
39
0.16
1.10
2.52MHz
SPDR0705-470K
47±10%
0.18
1.10
2.52MHz
SPDR0705-560K
56
0.24
0.94
2.52MHz
SPDR0705-680K
68
0.28
0.85
2.52MHz
SPDR0705-820K
82
0.37
0.78
2.52MHz
SPDR0705-101K
100
0.43
0.72
1KHz
SPDR0705-121K
120
0.47
0.66
1KHz
SPDR0705-151K
150
0.64
0.58
1KHz
SPDR0705-181K
180
0.71
0.51
1KHz
SPDR0705-221K
220
0.96
0.49
1KHz
SPDR0705-271K
270
1.11
0.42
1KHz
SPDR0705-331K
330
1.26
0.40
1KHz
SPDR0705-391K
390
1.77
0.36
1KHz
SPDR0705-471K
470
1.96
0.34
1KHz
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
41


Similar Part No. - SPDR1004-680K

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPDR SSDI-SPDR Datasheet
75Kb / 2P
   20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
logo
Productwell Precision E...
SPDR655312-100M PRODUCTWELL-SPDR655312-100M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
SPDR655312-160M PRODUCTWELL-SPDR655312-160M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
SPDR655312-220M PRODUCTWELL-SPDR655312-220M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
SPDR655312-2R2M PRODUCTWELL-SPDR655312-2R2M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
More results

Similar Description - SPDR1004-680K

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com