Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25645S14 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X25645S14
Description  Programmable Watchdog Timer & V CC Supervisory Circuit w/Serial E 2 PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25645S14 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X25645S14 Datasheet HTML 4Page - Xicor Inc. X25645S14 Datasheet HTML 5Page - Xicor Inc. X25645S14 Datasheet HTML 6Page - Xicor Inc. X25645S14 Datasheet HTML 7Page - Xicor Inc. X25645S14 Datasheet HTML 8Page - Xicor Inc. X25645S14 Datasheet HTML 9Page - Xicor Inc. X25645S14 Datasheet HTML 10Page - Xicor Inc. X25645S14 Datasheet HTML 11Page - Xicor Inc. X25645S14 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
X25643/45
X25323/25
X25163/65
8
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
7036 FRM T09
POWER-UP TIMING
7036 FRM T10
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V.
Notes:
(1) VIL min. and VIH max. are for reference only and are not tested.
7036 FRM T11
(2) This parameter is periodically sampled and not 100% tested.
Symbol
Parameter
Limits
Units
Test Conditions
Min.
Typ.
Max.
ICC1
VCC Write Current (Active)
5
mA
SCK = VCC x 0.1/VCC x 0.9 @ 2MHz,
SO = Open
ICC2
VCC Read Current (Active)
0.4
mA
SCK = VCC x 0.1/VCC x 0.9 @ 2MHz,
SO = Open
ISB1
VCC Standby Current WDT=OFF
1
µA
CS = VCC, VIN = VSS or VCC, VCC = 5.5V
ISB2
VCC Standby Current WDT=ON
50
µA
CS = VCC, VIN = VSS or VCC, VCC = 5.5V
ISB3
VCC Standby Current WDT=ON
20
µA
CS = VCC, VIN = VSS or VCC, VCC =3.6V
ILI
Input Leakage Current
0.1
10
µA
VIN = VSS to VCC
ILO
Output Leakage Current
0.1
10
µA
VOUT = VSS to VCC
VIL
(1)
Input LOW Voltage
–0.5
VCCx0.3
V
VIH
(1)
Input HIGH Voltage
VCCx0.7
VCC+0.5
V
VOL1
Output LOW Voltage
0.4
V
VCC > 3.3V, IOL = 2.1mA
VOL2
Output LOW Voltage
0.4
V
2V < VCC ≤ 3.3V, IOL = 1mA
VOL3
Output LOW Voltage
0.4
V
VCC ≤ 2V, IOL = 0.5mA
VOH1
Output HIGH Voltage
VCC–0.8
V
VCC > 3.3V, IOH = –1.0mA
VOH2
Output HIGH Voltage
VCC–0.4
V
2V < VCC ≤ 3.3V, IOH = –0.4mA
VOH3
Output HIGH Voltage
VCC–0.2
V
VCC ≤ 2V, IOH = –0.25mA
VOLRS
Reset Output LOW Voltage
0.4
V
IOL = 1mA
Symbol
Parameter
Min.
Max.
Units
tPUR
(2)
Power-up to Read Operation
1
ms
tPUW
(2)
Power-up to Write Operation
5
ms
Symbol
Test
Max.
Units
Conditions
COUT
(2)
Output Capacitance (SO, RESET, RESET)
8
pF
VOUT = 0V
CIN
(2)
Input Capacitance (SCK, SI, CS, WP)
6
pF
VIN = 0V
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias ........................–65
°Cto+135°C
Storage Temperature .............................–65
°C to +150°C
Voltage on any Pin with Respect to VSS....... –1.0V to +7V
D.C. Output Current ....................................................5mA
Lead Temperature (Soldering, 10 seconds)............ 300
°C
RECOMMENDED OPERATING CONDITIONS
7036 FRM T07
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
listed in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
7036 FRM T08
Temp
Min.
Max.
Commercial
0
°C
70
°C
Industrial
–40
°C
+85
°C
Supply Voltage
Limits
X25xxx–1.8
1.8V-3.6V
X25xxx–2.7
2.7V to 5.5V
X25xxx
4.5V-5.5V


Similar Part No. - X25645S14

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
X2564 AMPHENOL-X2564 Datasheet
444Kb / 8P
   RF Mesh Networking technology provides reliable real time process data. Uses global 2.4 GHz RF frequencies
logo
Xicor Inc.
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25642F ICMIC-X25642F Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25645S14

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25648 XICOR-X25648 Datasheet
73Kb / 16P
   V CC Supervisory Circuit w/Serial E 2 PROM
X25644 XICOR-X25644 Datasheet
76Kb / 15P
   Programmable Watchdog Timer w/Serial E 2 PROM
logo
Summit Microelectronics...
SMS2902 SUMMIT-SMS2902 Datasheet
157Kb / 14P
   Voltage Supervisory Circuit With Watchdog Timer
S4242 SUMMIT-S4242 Datasheet
102Kb / 16P
   Dual Voltage Supervisory Circuit With Watchdog Timer
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Xicor Inc.
X25043 XICOR-X25043 Datasheet
93Kb / 15P
   Programmable Watchdog Supervisory E2PROM
logo
Catalyst Semiconductor
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com