Electronic Components Datasheet Search |
|
020180MHABPM401ZA Datasheet(PDF) 8 Page - SUYIN USA, INC. |
|
020180MHABPM401ZA Datasheet(HTML) 8 Page - SUYIN USA, INC. |
8 / 9 page Page 8 of 9 SUYIN CORPORATION SPECIFICATION DOCUMENT NO.: 020180MHABPM401ZA SUYIN P/N. : 020180MHABPM401ZA CUSTOMER P/N. : DESC. : RJ45+STACK USB W/LED & TRANSFORMER 6-2 Transmitter & Receiver Filter: Insertion Loss (dB MAX) Return Loss at 100 Ω (dB MIN) 1~125MHz 1~30MHz 30~60MHz 60~80MHz 80~100MHz -1.2 -18 -16 -12 -10 6-3 Common Mode Rejection @ 1~100 MHz: -30dB MIN 6-4 Cross Talk @ 1~100 MHz: -25dB MIN 6-5 Inductance @ 100KHz/ 0.1V, 8mA DC BIAS: 400µH MIN 6-6 HiPot Test: 1500Vrms, 60sec 6-7 LED: 7 OPERATING & TEST REQUIRMENTS Product is designed to meet electrical, mechanical and environmental performance requirements specified below. All tests are performed at ambient environmental conditions per MIL-STD-1344A and EIA-364 unless otherwise specified 7-1 Operating Temperature Range: 0℃ TO +70℃ 7-2 Storage Temperature: -40 to 85 ℃ ℃ 7-3 USB module complies with USB 2.0 standards 7-4 USB Ratings 1. Insulation Resistance: 1000 M Ohm(MIN) 2. Contact Resistance : 25 m Ohm(MAX) 2. Dielectric Withstanding Voltage: 750 VAC Forward Voltage (V) @ 20mA Typical MAX 2.2 2.6 |
Similar Part No. - 020180MHABPM401ZA |
|
Similar Description - 020180MHABPM401ZA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |