Electronic Components Datasheet Search |
|
RAT30YTMF20RB101K Datasheet(PDF) 1 Page - TOCOSAMERICA, INC. |
|
RAT30YTMF20RB101K Datasheet(HTML) 1 Page - TOCOSAMERICA, INC. |
1 / 5 page TOCOS AMERICA, INC. 1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com 63 Specifications Electrical Standard Resistance Range . . . . . . . . . . . B = 5 Ω to 20kΩ A,C = 100 Ω to 5kΩ Resistance Tolerance . . . . . . . . . . . . . . . . . 10% standard ( 5%, 2% or 1% special order ) End Resistance . . . . . . . . . . . . . . . . . . R ! 500 Ω =1Ω max. R 0 500 Ω = 0.2% max. Resistance Taper . . . . B = linear; A = CW audio (logarithm); C = CCW audio (logarithm) Power Rating . . . B = 2.5 watts; A,C = 1.25 watts, at 40 C Insulation Resistance . . . . . . . 100M Ω minimum at 500VDC Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute Theoretical Resolution Mechanical Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . . 300 5 Shaft Torque Single Unit . . . . . 70.1 to 306 gf • cm (0.972 to 4.242 oz • in) Tandem Unit . . . . . . 70 to 701 gf • cm (0.97 to 9.718 oz • in) Other Units . . . . . . . 70 to 450 gf • cm (0.97 to 6.238 oz • in) Stop Strength . . . . . . . . . . . . 10.2 kgf • cm (141.4 oz • in) max. Mounting Nut Torque . . . . . . 15 kgf • cm (207.94 oz • in) max. Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 3 seconds Marking . . . . . . . . . . Taper, resistance, resistance tolerance, terminal identification, date code Environmental Temperature Range . . . . . . . . . . . . . . Y = 10 Cto 100 C or X = 30 Cto 100 C Temperature Characteristics . . . . . . . . . . . 85 C, 5 hours without load ∆T/R ) 5% Low Temperature Exposure . . . . . . . 10 C ( Y ), 30 C ( X ) 1 hour without load ∆T/R ) 3% Load Life . . . . . . . . . . . . 40 C, 1,000 hours with rated load ∆T/R ) 3% Moisture and Load Life . . . . . . . . . . . . 40 C, 90-95%RH, 500 hours with 1/10 rated load ∆T/R ) 5% Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude, 2 directions, 2 hours each ∆T/R ) 1% Soldering Heat Resistance . . . . . . . . . 350 C, 3.5 seconds; ∆T/R ) 2% Rotational Life . . . . 15,000 cycles (500 cycles for shaft lock models only) with 1/2 rated load ∆T/R ) 3% Standard Rotary Switches Switch Rating . . . . . . . . . . 110VAC, 1A or 3A, SPDT or SPST Contact Resistance . . . . . . . . . . . . . . . . . . . . . . 0.05 Ω max. Operating Torque . . . . . . . . 1,500 gf • cm (20.79 oz • in) max. Operating Life . . . . . . . . . . . . . . . 10,000 cycles without load R = Total Resistance Value; ∆T/R = Total Resistance Change RA30 Series 30mm Diameter, Single-Turn, Wirewound Industrial Panel Controls TOCOS® P ANEL CONTROLS Resistance ( Ω) 5 10 20 50 100 200 Resistance ( Ω) 500 1,000 2,000 5,000 10,000 20,000 Resolution ( % ) 1.62 0.81 0.67 0.45 0.44 0.32 Resolution ( % ) 0.23 0.19 0.15 0.14 0.12 0.10 Features 30mm diameter, single-turn industrial panel controls Wirewound element Linear or audio tapers Single, tandem and triple units, single shaft; dual unit, dual shaft SPST or SPDT switch with 1A or 3A rating Shaft lock and center tap models Metal shaft and bushing Temperature range of 10 C or 30 C, up to 100 C Panel mount only 6mm diameter shafts in slot, flat or round end styles Standard 15mm or 20mm shaft length RA30YME RA30YD RA30Y |
Similar Part No. - RAT30YTMF20RB101K |
|
Similar Description - RAT30YTMF20RB101K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |