Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25642S-2.7 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X25642S-2.7
Description  Advanced SPI Serial E 2 PROM with Block Lock TM Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25642S-2.7 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X25642S-2.7 Datasheet HTML 4Page - Xicor Inc. X25642S-2.7 Datasheet HTML 5Page - Xicor Inc. X25642S-2.7 Datasheet HTML 6Page - Xicor Inc. X25642S-2.7 Datasheet HTML 7Page - Xicor Inc. X25642S-2.7 Datasheet HTML 8Page - Xicor Inc. X25642S-2.7 Datasheet HTML 9Page - Xicor Inc. X25642S-2.7 Datasheet HTML 10Page - Xicor Inc. X25642S-2.7 Datasheet HTML 11Page - Xicor Inc. X25642S-2.7 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
X25642
8
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias....................–65
°C to +135°C
Storage Temperature ........................–65
°C to +150°C
Voltage on any Pin with Respect
to VSS .........................................................–1V to +7V
D.C. Output Current ............................................. 5mA
(Soldering, 10 seconds) ..............................300
°C
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
7037 FRM T08
POWER-UP TIMING
7037 FRM T09
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
7037 FRM T10
Notes: (1) VIL min. and VIH max. are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These
parameters are periodically sampled and not 100% tested.
Symbol
Parameter
Limits
Units
Test Conditions
Min.
Max.
ICC
VCC Supply Current (Active)
5
mA
SCK = VCC x 0.1/VCC x 0.9 @ 2MHz,
ISB
VCC Supply Current (Standby)
1
µA
CS = VCC, VIN = VSS or VCC – 0.3V
ILI
Input Leakage Current
10
µAV
IN = V
SS to VCC
ILO
Output Leakage Current
10
µAV
OUT = V
SS to VCC
VIL
(1)
Input LOW Voltage
–1
VCC x 0.3
V
VIH
(1)
Input HIGH Voltage
VCC x 0.7 VCC + 0.5
V
VOL1
Output LOW Voltage
0.4
V
IOL = 3mA, VCC = 5V
VOH1
Output HIGH Voltage
VCC–0.8
V
IOH = –1.6mA, VCC = 5V
VOL2
Output LOW Voltage
0.4
V
IOL = 1.5mA, VCC = 3V
VOH2
Output HIGH Voltage
VCC–0.3
V
IOH = –0.4mA, VCC = 3V
Symbol
Parameter
Min.
Max.
Units
TPUR
(3)
Power-up to Read Operation
1
ms
TPUW
(3)
Power-up to Write Operation
1
ms
Symbol
Parameter
Max.
Units
Test Conditions
CI/O
(3)
Output Capacitance (SO)
8
pF
VI/O = 0V
CIN
(3)
Input Capacitance (SCK, SI,
CS, WP, HOLD)
6
pF
VIN = 0V
RECOMMENDED OPERATING CONDITIONS
7037 FRM T06
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
7037 FRM T07
Supply Voltage
Limits
X25642
5V
±10%
X25642-2.7
2.7V to 5.5V
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.


Similar Part No. - X25642S-2.7

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25642S-2.7 ICMIC-X25642S-2.7 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25642S-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com