Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25F047VI Datasheet(PDF) 6 Page - Xicor Inc.

Part # X25F047VI
Description  SPI SerialFlash with Block Lock TM Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F047VI Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X25F047VI Datasheet HTML 2Page - Xicor Inc. X25F047VI Datasheet HTML 3Page - Xicor Inc. X25F047VI Datasheet HTML 4Page - Xicor Inc. X25F047VI Datasheet HTML 5Page - Xicor Inc. X25F047VI Datasheet HTML 6Page - Xicor Inc. X25F047VI Datasheet HTML 7Page - Xicor Inc. X25F047VI Datasheet HTML 8Page - Xicor Inc. X25F047VI Datasheet HTML 9Page - Xicor Inc. X25F047VI Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
X25F047
6
Figure 5. Sector Program Operation Sequence
Figure 6. Program Status Operation Sequence
32 33 34 35 36 37 38 39
SCK
SI
CS
0
1
2
3
4
5
6
7
8
9
10
SCK
SI
PROGRAM
INSTRUCTION
BYTE ADDRESS
(2 BYTE)
7
6
5
4
3
2
1
0
CS
40 41 42 43 44 45 46 47
DATA BYTE 2
7
6
5
4
3
2
1
0
DATA BYTE 3
7
6
5
4
3
2
1
0
15 14 13
3
2
1
0
20 21 22 23 24 25 26 27 28 29 30 31
6
5
4
3
2
1
0
7005 FRM 07.3
DATA BYTE 16
DATA BYTE 1
0
1
2
3
4
5
6
7
8
9
CS
SCK
SI
SO
HIGH IMPEDANCE
PROGRAM STATUS
INSTRUCTION
10 11 12 13 14 15
7005 ILL F08.2
BLOCK LOCK
PROTECTION BYTE
B
L
1
B
L
0
B
L
2
0
0
0
0
0
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias ...................–65
°C to +135°C
Storage Temperature ........................–65
°C to +150°C
Voltage on any Pin with
Respect to VSS.................................... –1V to +7V
D.C. Output Current ..............................................5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect device reliability.


Similar Part No. - X25F047VI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F008 XICOR-X25F008 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25F008P XICOR-X25F008P Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25F008P-5 XICOR-X25F008P-5 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25F008PE XICOR-X25F008PE Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25F008PE-5 XICOR-X25F008PE-5 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results

Similar Description - X25F047VI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
X24F064 XICOR-X24F064 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com