Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6732-37CXBG Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6732-37CXBG
Description  300mA Low Dropout Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6732-37CXBG Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6732-37CXBG Datasheet HTML 1Page - Silicon Standard Corp. SS6732-37CXBG Datasheet HTML 2Page - Silicon Standard Corp. SS6732-37CXBG Datasheet HTML 3Page - Silicon Standard Corp. SS6732-37CXBG Datasheet HTML 4Page - Silicon Standard Corp. SS6732-37CXBG Datasheet HTML 5Page - Silicon Standard Corp. SS6732-37CXBG Datasheet HTML 6Page - Silicon Standard Corp. SS6732-37CXBG Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.SiliconStandard.com
5 of 7
SS6732
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 3 Ground Current vs. Temperature
Temperature (°C)
125
0
25
50
75
100
-25
-50
50
52
54
56
58
60
IL =300mA
IL =150mA
IL=0.1mA
Fig. 4
Dropout Voltage vs. Load Current
Load Current (mA)
600
0
50
100
150
200
250
300
0
100
200
300
400
500
VOUT=5.0V & 5.2V
VOUT=3.3V, 3.5V, 3.7V & 3.8V
Fig. 5 Line Transient Response
Time (mS)
0
100
8
6
COUT=1µF
IL=1mA
VOUT=5.2V
50
0
-50
0.5
0.1
0.4
0.2
0.3
1.0
0.6
0.9
0.7
0.8
Fig. 6 Load transient Response
Time (mS)
0
-40
150
0.1
20
0
-20
2.5
0.5
2.0
1.0
1.5
5.0
3.0
4.5
3.5
4.0
-60
COUT=1µF
VOUT=5.2V
Fig. 7
Load Transient Response
Time (mS)
0
0.5
0
-100
0.1
COUT=1µF
VOUT=5.2V
-200
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
100
150
Input Voltage VIN (V)
Fig. 8
Recommended Max. Output Current vs. Input
Voltage
4
5
6
7
8
9
10
11
12
0
100
200
300
400
3.3V
3.5V
3.7V
3.8V
5V
5.2V
Rev.2.01 6/26/2003


Similar Part No. - SS6732-37CXBG

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CQTR SSC-SS6730-18CQTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CVTR SSC-SS6730-18CVTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CQTR SSC-SS6730-285CQTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CVTR SSC-SS6730-285CVTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
More results

Similar Description - SS6732-37CXBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com