Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

030233FR Datasheet(PDF) 1 Page - SUYIN USA, INC.

Part # 030233FR
Description  12 WAYS MINI-DIN RIGHT ANGLE DIP TYPE (DUAL PORT)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUYIN-USA [SUYIN USA, INC.]
Direct Link  http://www.suyinusa.com
Logo SUYIN-USA - SUYIN USA, INC.

030233FR Datasheet(HTML) 1 Page - SUYIN USA, INC.

  030233FR Datasheet HTML 1Page - SUYIN USA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
190
Desk
Top
Specifications:
Insulator material
: P.B.T UL94V-0
: Phos. Bronze
: Selective Gold/Tin
: 1.5A
: 100V AC
: 500V AC For 60 Seconds
Operating Type Range
Terminal Material
Platings
Max. Current Rating
Max. Voltage Rating
Dielectric Strength
030233FR Series
Order Information
Recommended P.C.B Layout
12 WAYS MINI-DIN RIGHT
ANGLE DIP TYPE (DUAL PORT)
SUYIN P/NO.
With Cover
Without Cover
6. Similar Type
13
2
5
4
1. 'R' : Right Angle DIP Type
2. No. of Pins
3. Plating
4. Color
'L' : Violet
5. Package
'U' : Tray Package Without Cap
Reference Page 11


Similar Part No. - 030233FR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
03023151E3 VISHAY-03023151E3 Datasheet
181Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 24-Apr-12
logo
SUYIN USA, INC.
030234FB SUYIN-USA-030234FB Datasheet
133Kb / 1P
   ULTRA THIN MINI DIN SMD TYPE
logo
Vishay Siliconix
03023689E3 VISHAY-03023689E3 Datasheet
181Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 24-Apr-12
logo
SUYIN USA, INC.
030236FR006T101ZU SUYIN-USA-030236FR006T101ZU Datasheet
129Kb / 1P
   ULTRA THIN MINI DIN REVERSED DIP TYPE
030238FR007T100ZU SUYIN-USA-030238FR007T100ZU Datasheet
131Kb / 1P
   ULTRA THIN MINI DIN DIP TYPE
More results

Similar Description - 030233FR

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
030336FR006T100ZU SUYIN-USA-030336FR006T100ZU Datasheet
101Kb / 1P
   ULTRA THIN MINI DIN DIP TYPE
030238FR007T100ZU SUYIN-USA-030238FR007T100ZU Datasheet
131Kb / 1P
   ULTRA THIN MINI DIN DIP TYPE
logo
Adam Technologies, Inc.
MDJ-00X-FS-30-RC ADAM-TECH-MDJ-00X-FS-30-RC Datasheet
111Kb / 1P
   MINI DIN RIGHT ANGLE
MDJ-00X-S ADAM-TECH-MDJ-00X-S Datasheet
179Kb / 1P
   MINI DIN RIGHT ANGLE
logo
Kycon, Inc.
KMDGX KYCON-KMDGX Datasheet
422Kb / 1P
   Right Angle Mini-DIN
logo
SUYIN USA, INC.
030236FR006T101ZU SUYIN-USA-030236FR006T101ZU Datasheet
129Kb / 1P
   ULTRA THIN MINI DIN REVERSED DIP TYPE
030101FR SUYIN-USA-030101FR Datasheet
125Kb / 1P
   MINI DIN SOCKET ROUND SHELL DIP TYPE
logo
Adam Technologies, Inc.
MDJ-009-FS ADAM-TECH-MDJ-009-FS Datasheet
95Kb / 1P
   MINI DIN JACK RIGHT ANGLE
MDJ-009-S ADAM-TECH-MDJ-009-S Datasheet
85Kb / 1P
   MINI DIN JACK RIGHT ANGLE
MDJ-010-FS-PG4 ADAM-TECH-MDJ-010-FS-PG4 Datasheet
83Kb / 1P
   MINI DIN JACK RIGHT ANGLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com