Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6821-BCVTR Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6821-BCVTR
Description  Single-Cell Lithium-Ion Battery Protection IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6821-BCVTR Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6821-BCVTR Datasheet HTML 1Page - Silicon Standard Corp. SS6821-BCVTR Datasheet HTML 2Page - Silicon Standard Corp. SS6821-BCVTR Datasheet HTML 3Page - Silicon Standard Corp. SS6821-BCVTR Datasheet HTML 4Page - Silicon Standard Corp. SS6821-BCVTR Datasheet HTML 5Page - Silicon Standard Corp. SS6821-BCVTR Datasheet HTML 6Page - Silicon Standard Corp. SS6821-BCVTR Datasheet HTML 7Page - Silicon Standard Corp. SS6821-BCVTR Datasheet HTML 8Page - Silicon Standard Corp. SS6821-BCVTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.SiliconStandard.com
4 of 10
SS6821
TYPICAL PERFORMANCE CHARACTERISTICS
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
6.4
6.8
7.2
7.6
8.0
Ta=25
°C
Supply Current vs. Supply Voltage
Supply Voltage (V)
-40
-20
0
20
40
60
80
5
6
7
8
9
10
Vcc=3.5V
Supply Current vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
0.54
0.57
0.60
0.63
0.66
Vcc=2.2V
Power-Down Current vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
4.24
4.26
4.28
4.30
4.32
4.34
4.36
SS6821B
Overcharge Protection Voltage vs. Temperature
Temperature (
°C)
Temperature (
°C)
-40
-20
0
20
40
60
80
2.38
2.39
2.40
2.41
2.42
Overdischarge Protection Voltage vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
198
199
200
201
202
Vcc=3.5V
Overcurrent Protection Voltage vs. Temperature
12/6/2004 Rev.2.02


Similar Part No. - SS6821-BCVTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS6821 ETC1-SS6821 Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
SS6821A ETC1-SS6821A Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
SS6821ACV ETC1-SS6821ACV Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
SS6821ACVTR ETC1-SS6821ACVTR Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
SS6821B ETC1-SS6821B Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
More results

Similar Description - SS6821-BCVTR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
   Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
Texas Instruments
UCC3952- TI-UCC3952- Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6803 SSC-SS6803 Datasheet
354Kb / 12P
   Three-cell Lithium-Ion Battery Protection IC
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
   Three-Cell Lithium-Ion Battery Protection IC
logo
HYCON Technology Corpor...
HY2115 HYCON-HY2115 Datasheet
1Mb / 27P
   1-cell lithium ion/lithium polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com