Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6863 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6863
Description  IR Preamplifier for Remote Control Systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6863 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6863 Datasheet HTML 1Page - Silicon Standard Corp. SS6863 Datasheet HTML 2Page - Silicon Standard Corp. SS6863 Datasheet HTML 3Page - Silicon Standard Corp. SS6863 Datasheet HTML 4Page - Silicon Standard Corp. SS6863 Datasheet HTML 5Page - Silicon Standard Corp. SS6863 Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.SiliconStandard.com
3 of 6
SS6863
ELECTRICAL CHARACTERISTICS (VCC = 5V, TA = 25
°
°C unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
,  

,
72
25
22
,
 ,  8.9
:5µ#
, 
1/
74
77
,
 ,  849
:.55µ#
,'
.2
4.
4;
,
&& *   ,  

,!*

5.
51
,
<& *   ,  

,!
7;5
7=7

,
,  >
.55µ,)+38kHz
#
;0
/.

(
('   
.55µ,)+28kHz, 35kHz,
41kHz, 48kHz (note 1)
#+7
=

(
   
52,)+ 38kHz (note 2)
Rin
4
11
k
Ω
" #% 8.9
.55µ,)+ 38kHz
055µs @ +
54"   
 
105
245
0/5
µs 
" #% 849
25,)+38kHz
055µs @ +
54"   
'
275
0;5
/55
µs
 "  
.55µ,)+38kHz
055µs @ +
54"   
!
.55
425
755
µs 
 !!"  
.55µ,)+38kHz
055µs @ +
54"   
!
.25
445
755
µs
&  
.:5.µ'
*- 

5/

,-s 
A     


57
5;
.5
#

@.B !  # * at 35kHz and the AC level at 28kHz denotes AQ1.
#+ :  log
 35kHz)
 28kHz)


 !  # *  41kHz  # *  48kHz denotes AQ2.
#+':  log
 kHz)
 kHz)

@4B  *   ,   *   ,,+  
:
k
  

Rev.2.02 11/6/2003


Similar Part No. - SS6863

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS68 FRONTIER-SS68 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS68 ASEMI-SS68 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS68-LFR FRONTIER-SS68-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6802AGSTB SSC-SS6802AGSTB Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
More results

Similar Description - SS6863

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2535B TEMIC-U2535B Datasheet
71Kb / 6P
   Preamplifier for IR Remote Control
logo
Vishay Siliconix
VSOP584 VISHAY-VSOP584 Datasheet
224Kb / 8P
   Preamplifier Circuit for IR Remote Control
Rev. 1.2, 11-Jan-12
logo
Analog Intergrations Co...
AIC1863 AIC-AIC1863 Datasheet
112Kb / 8P
   IR Preamplifier for Remote Control System
logo
Vishay Siliconix
VSOP98260 VISHAY-VSOP98260_V01 Datasheet
249Kb / 8P
   Preamplifier Circuit for IR Remote Control
01-Jan-2023
VSOP38336 VISHAY-VSOP38336 Datasheet
242Kb / 9P
   Preamplifier Circuit for IR Remote Control
Rev. 1.1, 17-May-16
VSOP98260 VISHAY-VSOP98260_16 Datasheet
232Kb / 8P
   Preamplifier Circuit for IR Remote Control
Rev. 1.9, 17-May-16
VSOP383 VISHAY-VSOP383_V01 Datasheet
253Kb / 9P
   Preamplifier Circuit for IR Remote Control
01-Jan-2023
VSOP383 VISHAY-VSOP383 Datasheet
225Kb / 8P
   Preamplifier Circuit for IR Remote Control
Rev. 1.3, 12-Mar-12
logo
STMicroelectronics
TDA2320 STMICROELECTRONICS-TDA2320 Datasheet
52Kb / 5P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
logo
List of Unclassifed Man...
SHF5110 ETC-SHF5110 Datasheet
64Kb / 7P
   IR-Receiver for Remote Control Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com