Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER503 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # HER503
Description  HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

HER503 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  HER503 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. HER503 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER501 THRU HER508
HIGH EFFICIENCY RECTIFIERS
Reverse Voltage - 50 to 1000 Volts Forward Current - 5.0 Amperes
Case: DO-201AD molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.04 ounce, 1.10 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
High speed switching for high efficiency
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
5.0
200.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=50 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 5.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
10.0
200.0
RθJA
CJ
TJ,TSTG
10.0
100.0
-65 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
50
70
ns
HER
501
HER
502
HER
503
HER
504
HER
505
HER
506
HER
507
1000
700
1000
HER
508
300
210
300
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
1.0
1.70
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length,P.C.B. mounted
65.0
DO-201AD
0.220(5.6)
0.197(5.0)
DIA.
0.052(1.3)
0.048(1.2)
DIA.
1.0 (25.4)
MIN.
0.375(9.5)
0.285(7.2)
1.0 (25.4)
MIN.
www.shunyegroup.com


Similar Part No. - HER503

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER503 MOSPEC-HER503 Datasheet
125Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(5.0A,50-400V)
logo
Goodwork Semiconductor ...
HER503 GWSEMI-HER503 Datasheet
69Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Galaxy Semi-Conductor H...
HER503 BILIN-HER503 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
HER503 DGNJDZ-HER503 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nantong Hornby Electron...
HER503 HORNBY-HER503 Datasheet
274Kb / 3P
   HIGH EFFICENCY RECTIFIER
More results

Similar Description - HER503

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com