Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8018 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS8018
Description  짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8018 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS8018 Datasheet HTML 1Page - Silicon Standard Corp. SS8018 Datasheet HTML 2Page - Silicon Standard Corp. SS8018 Datasheet HTML 3Page - Silicon Standard Corp. SS8018 Datasheet HTML 4Page - Silicon Standard Corp. SS8018 Datasheet HTML 5Page - Silicon Standard Corp. SS8018 Datasheet HTML 6Page - Silicon Standard Corp. SS8018 Datasheet HTML 7Page - Silicon Standard Corp. SS8018 Datasheet HTML 8Page - Silicon Standard Corp. SS8018 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.SiliconStandard.com
3 of 14
SS8018
n ELECTRICAL CHARACTERISTICS (cont.)
(VCC = + 3.3V, TA = 0 to +85°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN TYP MAX UNITS
SMBus Interface
Logic Input High Voltage
STBY , SMBCLK, SMBDATA; Vcc = 3V to 5.5V
2.4
V
Logic Input Low Voltage
STBY , SMBCLK, SMBDATA; Vcc = 3V to 5.5V
0.8
V
Logic Output Low Sink Current
ALERT
, SMBDATA forced to 0.4V
6
mA
ALERT
Output High Leakage Current
ALERT
forced to 5.5V
1
µA
Logic Input Current
Logic inputs forced to VCC or GND
-2
2
µA
SMBus Input Capacitance
SMBCLK, SMBDATA
5
pF
SMBus Clock Frequency
100
kHz
SMBus Timeout
SMBCLK low time for interface reset
30
ms
SMBCLK Clock Low Time
tLOW , 10% to 10% points
4.7
µs
SMBCLK Clock High Time
tHIGH , 90% to 90% points
4
µs
SMBus Start-Condition Setup Time
4.7
µs
SMBus Repeated Start-Condition Setup Time tSU : STA , 90% to 90% points
500
ns
SMBus Start-Condition Hold Time
tHD: STA , 10% of SMBDATA to 90% of SMBCLK
4
µs
SMBus Stop-Condition Setup Time
tSD: STO , 90% of SMBCLK to 10% of SMBDATA
4
µs
SMBus Data Valid to SMBCLK Rising-Edge
Time
tSU: DAT , 10% or 90% of SMBDATA to 10% of
SMBCLK
800
ns
SMBus Data-Hold Time
tHD : DAT
300
ns
SMBCLK Falling Edge to SMBus Data-Valid
Time
Master clocking in data
1
µs
Note 1: A remote diode is any diode-connected transistor from Table1. TR is the junction temperature of the remote
of the remote diode. See Remote Diode Selection for remote diode forward voltage requirements.
Note 2: Guaranteed by design but not 100% tested.
n PIN DESCRIPTIONS
PIN
NAME
FUNCTION
1
VCC
Supply Voltage Input, 3V to 5.5V. Bypass to GND with a 0.1µF capacitor.
2
DXP
Combined Current Source and A/D Positive Input for remote-diode channel. Do not leave DXP
floating; tie DXP to DXN if no remote diode is used. Place a 2200pF capacitor between DXP
and DXN for noise filtering.
3
DXN
Combined Current Sink and A/D Negative Input.
4
THERM
Open-drain output. Requires pull-up to VCC.
5
GND
Ground
6
ALERT
SMBus Alert (interrupt) Output, open drain
7
SMBDATA
SMBus Serial-Data Input / Output, open drain
8
SMBCLK
SMBus Serial-Clock Input
Rev.2.01 6/06/2003


Similar Part No. - SS8018

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
SS8012GTR SSC-SS8012GTR Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
SS8014-15GTR SSC-SS8014-15GTR Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
SS8014-18GTR SSC-SS8014-18GTR Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
More results

Similar Description - SS8018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com