Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8021GTB Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS8021GTB
Description  Stereo Headphone Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8021GTB Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS8021GTB Datasheet HTML 1Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 2Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 3Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 4Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 5Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 6Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 7Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.SiliconStandard.com
1 of 8
SS8021
8/21/2004 Rev.2.01
Stereo Headphone Power Amplifier
FEATURES
High performance Class AB amplifier
High signal-to-noise ratio
Low distortion
Low power consumption
Large output voltage swing
Excellent power supply ripple rejection
Supply voltage range of 3.0V to 6.5V
Surface-mount package - SO-8
APPLICATIONS
CD-ROM
DVD-ROM
CD-R/W
MP3
Portable Stereo
DESCRIPTION
The SS8021 is an output-rail-to-rail stereo audio power
amplifier housed in an 8-pin SOP package capable of
delivering 125mW of continuous power into 16
Ω loads
and 75mW into 32
Ω loads with THD <0.1% per
channel.
The gain of the amplifiers can be easily set with two
external resistors - R I (input resistor) and RF (feedback
resistor).
The SS8021 is a dual channel, low voltage, low power,
high performance amplifier. The quiescent current is
typically 3mA at 5V. With excellent AC performance
(small THD), it can be designed into a wide range of
headphone driving applications.
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
OUTA
1
output A
INA(neg)
2
inverting input A
INA(pos)
3
non-inverting input A
VSS
4
negative supply
INB(pos)
5
non-inverting input B
INB(neg)
6
inverting input B
OUTB
7
output B
VDD
8
positive supply
INA(neg)
INA(pos)
OUTA
V
SS
V
DD
OUTB
INB(neg)
INB(pos)
1
8
2
3
4
7
6
5
INA(neg)
INA(pos)
OUTA
V
SS
V
DD
OUTB
INB(neg)
INB(pos)
1
8
2
3
4
7
6
5
SS8021
ORDERING INFORMATION
SS8021(G)XX
Packing: TR Tape and reel
: TB Tubes
This device is normally supplied with Pb-free lead finish (second-level interconnect) as
SS8021G, but can be supplied with a traditional lead finish (SS8021) upon request.


Similar Part No. - SS8021GTB

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8026T21TB SSC-SS8026T21TB Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8026T21TR SSC-SS8026T21TR Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8026T22TB SSC-SS8026T22TB Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
More results

Similar Description - SS8021GTB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Sanyo Semicon Device
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com