Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8027GT61TR Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS8027GT61TR
Description  3.3V 1A Low Dropout Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8027GT61TR Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS8027GT61TR Datasheet HTML 2Page - Silicon Standard Corp. SS8027GT61TR Datasheet HTML 3Page - Silicon Standard Corp. SS8027GT61TR Datasheet HTML 4Page - Silicon Standard Corp. SS8027GT61TR Datasheet HTML 5Page - Silicon Standard Corp. SS8027GT61TR Datasheet HTML 6Page - Silicon Standard Corp. SS8027GT61TR Datasheet HTML 7Page - Silicon Standard Corp. SS8027GT61TR Datasheet HTML 8Page - Silicon Standard Corp. SS8027GT61TR Datasheet HTML 9Page - Silicon Standard Corp. SS8027GT61TR Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.SiliconStandard.com
10 of 10
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
5/26/2005 Rev.2.2
SS8027G
TO-263 (GT5) Package
MILLIMETERS
INCHES
SYMBOLS
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
A1
1.22
1.32
0.048
0.055
A2
2.45
2.69
0.104
0.106
b
0.69
0.94
0.027
0.037
b1
1.22
1.40
0.048
0.055
C
0.36
0.56
0.014
0.022
D
8.64
9.652
0.340
0.380
E
9.70
10.54
0.382
0.415
e
2.29
2.79
0.090
0.110
e1
4.83
5.33
0.190
0.210
H
14.60
15.78
0.575
0.625
L
4.70
5.84
0.185
0.230
L1
1.20
1.778
0.047
0.070
L2
2.24
2.84
0.088
0.111
L3
1.40MAX
0.055MAX
e
L3
D
H
e1
b1
b
E
A
A1
C
A2
L2
L
L1


Similar Part No. - SS8027GT61TR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTB SSC-SS8021GTB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTR SSC-SS8021GTR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TB SSC-SS8021TB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TR SSC-SS8021TR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
More results

Similar Description - SS8027GT61TR

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G960 GMT-G960 Datasheet
56Kb / 1P
   3.3V 1A Low Dropout Regulator
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
   3.3V 1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
G9133 GMT-G9133 Datasheet
232Kb / 8P
   3.3V 1A Low Dropout Regulator with Disable
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Allegro MicroSystems
SI-3006KWD ALLEGRO-SI-3006KWD Datasheet
441Kb / 9P
   1A, Low-Dropout, Dual Output, 1.8V & 3.3V Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com