Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8039L308TCTR Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS8039L308TCTR
Description  Microprocessor Voltage Monitor with Manual Reset
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8039L308TCTR Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SS8039L308TCTR Datasheet HTML 1Page - Silicon Standard Corp. SS8039L308TCTR Datasheet HTML 2Page - Silicon Standard Corp. SS8039L308TCTR Datasheet HTML 3Page - Silicon Standard Corp. SS8039L308TCTR Datasheet HTML 4Page - Silicon Standard Corp. SS8039L308TCTR Datasheet HTML 5Page - Silicon Standard Corp. SS8039L308TCTR Datasheet HTML 6Page - Silicon Standard Corp. SS8039L308TCTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.SiliconStandard.com
6 of 7
Rev.2.02 1/06/2004
SS8039
Applications Information
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, the SS8039H
and SS8039L are relatively immune to short-duration
negative-going VCC transients (glitches).
Figure1 shows typical transient durations, vs. the reset
comparator overdrive, for which both the SS8039H and
SS8039L do not generate a reset pulse. The graph was
generated using a negative-going pulse applied to VCC,
starting 0.5V above the actual reset threshold and ending
below it by the magnitude indicated (reset comparator
overdrive). The graph indicates the maximum pulse width
a negative-going VCC transient can have without causing a
reset pulse. As the magnitude of the transient increases
(goes farther below the reset threshold), the maximum
allowable pulse width decreases. For the SS8039x463
and SS8039x438, a VCC transient that goes 100mV below
the reset threshold and lasts 15µs or less will not typically
cause a reset pulse. A 0.1µF bypass capacitor mounted
as close as possible to the VCC pin provides additional
transient immunity.
Ensuring a Valid Reset Output Down to VCC = 0
When VCC falls below 1V, the SS8039 RESET output no
longer sinks current—it becomes an open circuit.
Therefore, high-impedance CMOS logic inputs con-
nected to RESET can drift to undetermined voltages.
This presents no problem in most applications since
most µP and other circuitry is inoperative with VCC below
1V. However, in applications where RESET must be
valid down to 0V, adding a pull-down resistor to RESET
causes any stray leakage currents to flow to ground,
holding RESET low (Figure 2). R1’s value is not critical;
100k
Ω is large enough not to load RESET and small
enough to pull RESET to ground.
Benefits of Highly Accurate Reset Threshold
Most µP supervisor ICs have reset threshold voltages
between 5% and 10% below the value of nominal supply
voltages. This ensures a reset will not occur within 5% of
the nominal supply, but will occur when the supply is
10% below nominal.
When using ICs rated at only the nominal supply ±5%,
this leaves a zone of uncertainty where the supply is
between 5% and 10% low, and where the reset may or
may not be asserted.
The SS8039x uses highly accurate circuitry to ensure that
reset is asserted close to the 5% limit, and long before the
supply has declined to 10% below nominal.


Similar Part No. - SS8039L308TCTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
SS8037G SSC-SS8037G Datasheet
326Kb / 9P
   Microprocessor Reset IC
SS8037H263GT71 SSC-SS8037H263GT71 Datasheet
326Kb / 9P
   Microprocessor Reset IC
SS8037H263GT72 SSC-SS8037H263GT72 Datasheet
326Kb / 9P
   Microprocessor Reset IC
SS8037H263GT73 SSC-SS8037H263GT73 Datasheet
326Kb / 9P
   Microprocessor Reset IC
More results

Similar Description - SS8039L308TCTR

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
   Microprocessor Voltage Monitors with Manual Reset
logo
Micrel Semiconductor
MIC2785 MICREL-MIC2785 Datasheet
135Kb / 6P
   Dual Supply Voltage Monitor with Manual Reset
MIC2785 MICREL-MIC2785_15 Datasheet
407Kb / 8P
   Dual Supply Voltage Monitor with Manual Reset
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
   Micropower Microprocessor Reset Circuit with Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
ams AG
AS1925 AMSCO-AS1925 Datasheet
340Kb / 12P
   Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
logo
Maxim Integrated Produc...
ICL7665CPA MAXIM-ICL7665CPA Datasheet
114Kb / 12P
   Microprocessor Voltage Monitor with
19-0001; Rev 2; 8/97
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com