Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8038L308GT72 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS8038L308GT72
Description  Microprocessor Reset IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8038L308GT72 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS8038L308GT72 Datasheet HTML 1Page - Silicon Standard Corp. SS8038L308GT72 Datasheet HTML 2Page - Silicon Standard Corp. SS8038L308GT72 Datasheet HTML 3Page - Silicon Standard Corp. SS8038L308GT72 Datasheet HTML 4Page - Silicon Standard Corp. SS8038L308GT72 Datasheet HTML 5Page - Silicon Standard Corp. SS8038L308GT72 Datasheet HTML 6Page - Silicon Standard Corp. SS8038L308GT72 Datasheet HTML 7Page - Silicon Standard Corp. SS8038L308GT72 Datasheet HTML 8Page - Silicon Standard Corp. SS8038L308GT72 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.SiliconStandard.com
5 of 9
ELECTRICAL CHARACTERISTICS (Cont.)
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V for
463/438/400 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX UNITS
Reset Threshold Tempco
40
ppm/°C
VCC to Reset Delay (Note 2)
VCC = VTH to (VTH – 100mV)
7
µs
VCC = VTH max,
SS803xx463/438/400
280
640
Reset Active Timeout Period
VCC = VTH max,
SS803xx308/293/263
140
550
ms
RESET Output Current Low (push-pull active low,
and open-drain active-low, SS8037L and
SS8038L)
IOL
VCC = 2.5V, V RESET = 0.5V
8
mA
VCC = 5V, V RESET = 4.5V,
SS8037L463/438/400
4.5
VCC = 3.3V, V RESET = 2.8V,
SS8037L308/293
3
RESET Output Current High (push-pull active
low, SS8037L)
IOH
VCC = 3V, V RESET = 2.5V,
SS8037L263
2
mA
VCC = 5V, VRESET = 0.5V,
SS8037H463/438/400
16
VCC = 3.3V, VRESET = 0.5V,
SS8037H308/293
12
RESET Output Current Low (push-pull active high,
SS8037H)
IOL
VCC = 3V, VRESET = 0.5V,
SS8037H263
10
mA
RESET Output Current High (push-pull active high,
SS8037H)
IOH
VCC = 2.5V, VRESET = 2V
2
mA
RESET Open-Drain Output Leakage Current
(SS8038L)
VCC > VTH, RESET de-asserted
1
µA
Note 1: Production testing done at TA = +25°C; limits over temperature guaranteed by design.
Note 2: RESET output is for SS8037L/38L; RESET output is for SS8037H.
SS8037/8(G)
10/6/2004 Rev.2.20


Similar Part No. - SS8038L308GT72

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8039 SSC-SS8039 Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
SS8039H263TCTR SSC-SS8039H263TCTR Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
SS8039H293TCTR SSC-SS8039H293TCTR Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
SS8039H308TCTR SSC-SS8039H308TCTR Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
SS8039H400TCTR SSC-SS8039H400TCTR Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
More results

Similar Description - SS8038L308GT72

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com