Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8047GT64TR Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS8047GT64TR
Description  2.5V 1A Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8047GT64TR Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS8047GT64TR Datasheet HTML 1Page - Silicon Standard Corp. SS8047GT64TR Datasheet HTML 2Page - Silicon Standard Corp. SS8047GT64TR Datasheet HTML 3Page - Silicon Standard Corp. SS8047GT64TR Datasheet HTML 4Page - Silicon Standard Corp. SS8047GT64TR Datasheet HTML 5Page - Silicon Standard Corp. SS8047GT64TR Datasheet HTML 6Page - Silicon Standard Corp. SS8047GT64TR Datasheet HTML 7Page - Silicon Standard Corp. SS8047GT64TR Datasheet HTML 8Page - Silicon Standard Corp. SS8047GT64TR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.SiliconStandard.com
4 of 11
Rev.2.02 7/6/2004
SS8047
Typical Performance Characteristics
(VIN= +5V, CIN=1µF, COUT=10µF, TA=25°C, unless otherwise noted.)
Ground Current vs. Load Current
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
Output Voltage vs. Load Current
2.480
2.500
2.520
2.540
2.560
2.580
2.600
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
Dropout Voltage vs. Load Current
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
Line Transient
Load Transient
Ch1: Vin (offset=5.0V)
Ch2: Vout (offset=2.50V)
CIN = 1uF
Iout=100mA
Ch1: Iout (1A/div)
Ch2: Vout (offset=2.50V)


Similar Part No. - SS8047GT64TR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8044 SSC-SS8044 Datasheet
188Kb / 5P
   3.3V 600mA Low Dropout Regulator
SS8046 SSC-SS8046 Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
SS8046TF1TB SSC-SS8046TF1TB Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
SS8046TH1TB SSC-SS8046TH1TB Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
More results

Similar Description - SS8047GT64TR

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
International Rectifier
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
Global Mixed-mode Techn...
G950 GMT-G950 Datasheet
84Kb / 1P
   2.5V 1A Regulator
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
   2.5V 1A Regulator
logo
TAITRON Components Inco...
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
78DXXA UTC-78DXXA_15 Datasheet
368Kb / 9P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com