Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R16S11AQP Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # R16S11AQP
Description  ROTARY POTENTIOMETER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

R16S11AQP Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  R16S11AQP Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD R16S11AQP Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model(型號):
ROTARY POTENTIOMETER---------R16S11AQP
► Download PDF file
Features:(特點):
Excellent operatonal feeling
Applications(作用):
Suitable for various vontrol applications with general consumer electronics
products,automotive installation equipment and devices,industrial machines,etc
Dimensions(規格圖 ):
Specifications( 規格)
Electrical Characteristics [ 電氣性能 ]
Total resistance [ 全阻抗值 ]
100
Ω~2MΩ
Total resistance tolerance [ 全阻抗值容許差 ]
±20%
Ratings power(w) [ 額定功率 ]
B curve 0.1W,except B 0.05W
Restings taper[阻抗變化特性]
A,B,*C,D,W,RD
Residual resistance [殘留阻值]
10
ΩMax.
Sliding noise [滑動雜音]
47mV Max.
Withstanding voltage [耐電壓]
1 minute at AC 500V
Insulation resistance [絕緣阻抗]
100M
Ω Min. at DC 500V.
Max. operating voltage [最高使用電壓]
linear Taper B AC 200V, except B AC 150V.
Gang error:[運動誤差]
-40dB~0dB ±3dB Max.
Switch contact resistance[開關的接觸阻抗]
less than 0.5m
Ω
Switch Ratings power
1A at AC /DC 12V
Mechanical Characteristics [ 机械性能 ]
Operation torque [ 回轉力矩 ]
30~250gf . cm
Rotation stopper strength [ 止動強度 ]
6.0Kgf . cm Min.
Total rotational angle [回轉角度]
300±5°
Push-pull strength[推 拉強度]
8.0Kgf . cm Min.
position of click[掣子位置]
1C,11C,41C
Center decent force [
掣子脫出力矩]
50~500gf.cm
Switch rotational angle[開關的回轉角度]
35° ±10°


Similar Part No. - R16S11AQP

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R16S11AB2 PRODUCTWELL-R16S11AB2 Datasheet
123Kb / 2P
   ROTARY POTENTIOMETER
More results

Similar Description - R16S11AQP

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
EC10A12V070 PRODUCTWELL-EC10A12V070 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC10A12V090 PRODUCTWELL-EC10A12V090 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC12E24H01 PRODUCTWELL-EC12E24H01 Datasheet
105Kb / 1P
   ROTARY POTENTIOMETER
R09A11VA1 PRODUCTWELL-R09A11VA1 Datasheet
124Kb / 2P
   ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01 Datasheet
133Kb / 2P
   ROTARY POTENTIOMETER
R24211AB1 PRODUCTWELL-R24211AB1 Datasheet
117Kb / 2P
   ROTARY POTENTIOMETER
R24311CB2 PRODUCTWELL-R24311CB2 Datasheet
119Kb / 2P
   ROTARY POTENTIOMETER
R16A11VF1 PRODUCTWELL-R16A11VF1 Datasheet
130Kb / 2P
   ROTARY POTENTIOMETER
R16A12HB1 PRODUCTWELL-R16A12HB1 Datasheet
126Kb / 2P
   ROTARY POTENTIOMETER
R1681NVB1 PRODUCTWELL-R1681NVB1 Datasheet
129Kb / 2P
   ROTARY POTENTIOMETER
R09711BV1 PRODUCTWELL-R09711BV1 Datasheet
120Kb / 1P
   ROTARY POTENTIOMETER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com