Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X68C75PI Datasheet(PDF) 8 Page - Xicor Inc.

Part # X68C75PI
Description  Port Expander and E2 Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X68C75PI Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X68C75PI Datasheet HTML 4Page - Xicor Inc. X68C75PI Datasheet HTML 5Page - Xicor Inc. X68C75PI Datasheet HTML 6Page - Xicor Inc. X68C75PI Datasheet HTML 7Page - Xicor Inc. X68C75PI Datasheet HTML 8Page - Xicor Inc. X68C75PI Datasheet HTML 9Page - Xicor Inc. X68C75PI Datasheet HTML 10Page - Xicor Inc. X68C75PI Datasheet HTML 11Page - Xicor Inc. X68C75PI Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
X68C75 SLIC® E2
Figure 8. Setting the SFR Map Register
Figure 9. Setting Program Memory Map Register
Programmable Address Decoding
The X68C75 features an internal programmable ad-
dress decoder which allows the nonvolatile memory
array and the internal registers to be mapped in various
locations of the 64K-byte memory map. The register set
is mappable into a 1K-byte block, while the nonvolatile
memory array is mappable into an 8K-byte block. The
mapping is controlled by two nonvolatile configuration
registers, the SFR Map Register and the E2 Memory
Map Register. Their bits are mapped as follows:
SFR Map Register (SFRM) Default = 81
1
0
A15
A14
A13
A12
A11
A10
76
2899 ILL F08
543
21
0
A15-A10
A15-A10 are upper address bits for the 1K-byte page
where the SFR memory is mapped.
BITS 7:6
Setting these two bits to any combination other than “10”
will interfere with device proper operation.
E2 Memory Map Register (EEM) Default = 07
0
0
LAM
0
RST
A15
A14
A13
76
2899 ILL F09
543
21
0
A15-A13
Modifying these three bits changes the location of the
program memory within the address map.The A15-A13
correspond to the upper three address bits of the 8K-
byte page where program memory will be mapped.
RST
The RST bit controls the polarity of the RESET input pin.
“0” = RESET is Active LOW
“1” = RESET is Active HIGH
LAM
Port B can be configured as either a general purpose
I/O port (normal I/O mode), or latched address mode
(LAM). The LAM option programs port B to output the
demultiplexed low order byte of the address latched into
the X68C75 by AS. The LAM bit selects between these
two modes.
“0” = Port B is an I/O Port
“1” = Port B outputs low address byte (A7-A0)
AA
b2
P 555
b1 b0
55
b2
AAA
AAA
b1 b0
A0
b2
P 555
b1 b0
AA
b2
P 555
b1 b0
D0
Delay of tWC
Exit Routine
b2
P
2899 ILL F10.1
b1 b0
XXX
Desired
Value
b2
P
b1 b0
X = Don’t Care
B[2:0] = E2M [2:0]
P
P = Address bit (A12) of the
memory plane not being read.
AA
b2
P 555
b1 b0
55
b2
AAA
AAA
b1 b0
A0
b2
P 555
b1 b0
AA
b2
P 555
b1 b0
E0
b2
P
2899 ILL F11.1
b1 b0
XXX
Desired
Value
b2
P
b1 b0
X = Don’t Care
B[2:0] = E2M [2:0]
P
P = Address bit (A12) of the
memory plane not being read.
Delay of tWC
Exit Routine
Setting the Mapping Registers
The mapping registers are written using a modified
version of the Software Data Protection sequence. All
timings must adhere to the normal Software Data
Protection sequence.


Similar Part No. - X68C75PI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
X68C NSC-X68C Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Xicor Inc.
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X68C64P XICOR-X68C64P Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X68C64PI XICOR-X68C64PI Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X68C64PM XICOR-X68C64PM Datasheet
62Kb / 12P
   E2 Micro-Peripheral
More results

Similar Description - X68C75PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88C75 XICOR-X88C75 Datasheet
125Kb / 27P
   Port Expander and E2 Memory
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
logo
OKI electronic componet...
MSM82C43 OKI-MSM82C43 Datasheet
90Kb / 13P
   INPUT/OUTPUT PORT EXPANDER
logo
Maxim Integrated Produc...
DS4550 MAXIM-DS4550 Datasheet
930Kb / 19P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
19-8356; Rev 1; 7/17
logo
Dallas Semiconductor
DS4550 DALLAS-DS4550 Datasheet
650Kb / 18P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
logo
Maxim Integrated Produc...
MAX7319 MAXIM-MAX7319_V01 Datasheet
937Kb / 15P
   I2C Port Expander with Eight Inputs and Maskable Transition Detection
19-3809; Rev 2; 5/14
MAX7319 MAXIM-MAX7319 Datasheet
251Kb / 16P
   I2C Port Expander with Eight Inputs and Maskable Transition Detection
Rev 1; 10/05
logo
STMicroelectronics
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
   8-bit port expander Xpander logic
logo
Sames
SA9203 SAMES-SA9203 Datasheet
113Kb / 14P
   6/3 X 8 PORT EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com