Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X68C75PI Datasheet(PDF) 1 Page - Xicor Inc.

Part # X68C75PI
Description  Port Expander and E2 Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X68C75PI Datasheet(HTML) 1 Page - Xicor Inc.

  X68C75PI Datasheet HTML 1Page - Xicor Inc. X68C75PI Datasheet HTML 2Page - Xicor Inc. X68C75PI Datasheet HTML 3Page - Xicor Inc. X68C75PI Datasheet HTML 4Page - Xicor Inc. X68C75PI Datasheet HTML 5Page - Xicor Inc. X68C75PI Datasheet HTML 6Page - Xicor Inc. X68C75PI Datasheet HTML 7Page - Xicor Inc. X68C75PI Datasheet HTML 8Page - Xicor Inc. X68C75PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
X68C75 SLIC® E2
X68C75 SLIC® E2 Microperipheral
FEATURES
• Highly Integrated Microcontroller Peripheral
—8K x 8 E2 Memory
—2 x 8 General Purpose Bidirectional I/O Ports
—16 x 8 General Purpose Registers
—Integerated Interrupt Controller Module
—Internal Programmable Address Decoding
• Self Loading Integrated Code (SLIC)
—On-Chip BIOS and Boot Loader
—IBM/PC Based Interface Software(XSLIC)
• Concurrent Read During Write
—Dual Plane Architecture
• Isolates Read/Write Functions Between
Planes
• Allows Continuous Execution Of Code
From One Plane While Writing In The
Other Plane
• Multiplexed Address/Data Bus
—Direct Interface to Popular 68HC11 Family of
Microcontrollers
• Software Data Protection
—Protect Entire Array During Power-up/-down
• Block Lock™ Data Protection
—Set Write Lockout in 1K Blocks
• Toggle Bit Polling
©Xicor, Inc. 1994, 1995, 1996 Patents Pending
Characteristics subject to change without notice
2899-2.1 4/11/97 T0/C0/D1 SH
Port Expander and E2 Memory
PIN CONFIGURATIONS
• High Performance CMOS
—Fast Access Time, 120ns
—Low Power
• 60mA Active
• 100
µA Standby
• PDIP, PLCC, and TQFP Packaging Available
DESCRIPTION
The X68C75 is a highly integrated peripheral for the
68HC11 family of microcontrollers. The device inte-
grates 8K-bytes of 5V byte-alterable nonvolatile memory,
2 bidirectional 8-bit ports, 16 general purpose registers,
programmable internal address decoding and a multi-
plexed address and data bus.
The 5V byte-alterable nonvolatile memory can be used
as program storage, data storage, or a combination of
both. The memory array is separated into two 4K-byte
sections which allows read accesses to one section
while a write operation is taking place in the other
section. The nonvolatile memory also features Software
Data Protection to protect the contents during power
transitions, and an advanced Block Protect register
which allows individual blocks of the memory to be
configured as read-only or read/write.
2899 ILL F01
RESET
A12
WC
SEL
STRA
A15
NC
A14
A13
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
NC
A/D0
A/D1
A/D2
A/D3
A/D4
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VCC
R/W
AS
A8
A9
A11
NC
IRQ
STRB
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
NC
E
A10
CE
A/D7
A/D6
A/D5
X68C75
DIP
SLIC
Concurrent Read During Write, Block Lock, and SLIC® E2 are registered trademarks of Xicor, Inc.
APPLICATION NOTES
A V AILABLE
AN62 • AN64 • AN66 • AN74
INDEX
CORNER
2899 ILL F02.3
6
5
4
3
2
1 44 43 42 41 40
18 19 20
22 23 24 25 26 27 28
21
39
38
37
36
35
34
33
32
31
30
29
7
8
9
10
11
12
13
14
15
16
17
A11
IRQ
STRB
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
A14
A13
PA7
PA6
PA5
PA4
4
PA3
33
PA2
PA1
PA0
A/D0
X68C75
SLIC
PLCC
TQFP


Similar Part No. - X68C75PI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
X68C NSC-X68C Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Xicor Inc.
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X68C64P XICOR-X68C64P Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X68C64PI XICOR-X68C64PI Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X68C64PM XICOR-X68C64PM Datasheet
62Kb / 12P
   E2 Micro-Peripheral
More results

Similar Description - X68C75PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88C75 XICOR-X88C75 Datasheet
125Kb / 27P
   Port Expander and E2 Memory
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
logo
OKI electronic componet...
MSM82C43 OKI-MSM82C43 Datasheet
90Kb / 13P
   INPUT/OUTPUT PORT EXPANDER
logo
Maxim Integrated Produc...
DS4550 MAXIM-DS4550 Datasheet
930Kb / 19P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
19-8356; Rev 1; 7/17
logo
Dallas Semiconductor
DS4550 DALLAS-DS4550 Datasheet
650Kb / 18P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
logo
Maxim Integrated Produc...
MAX7319 MAXIM-MAX7319_V01 Datasheet
937Kb / 15P
   I2C Port Expander with Eight Inputs and Maskable Transition Detection
19-3809; Rev 2; 5/14
MAX7319 MAXIM-MAX7319 Datasheet
251Kb / 16P
   I2C Port Expander with Eight Inputs and Maskable Transition Detection
Rev 1; 10/05
logo
STMicroelectronics
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
   8-bit port expander Xpander logic
logo
Sames
SA9203 SAMES-SA9203 Datasheet
113Kb / 14P
   6/3 X 8 PORT EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com