Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X76F640H Datasheet(PDF) 9 Page - Xicor Inc.

Part # X76F640H
Description  Secure SerialFlash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F640H Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X76F640H Datasheet HTML 5Page - Xicor Inc. X76F640H Datasheet HTML 6Page - Xicor Inc. X76F640H Datasheet HTML 7Page - Xicor Inc. X76F640H Datasheet HTML 8Page - Xicor Inc. X76F640H Datasheet HTML 9Page - Xicor Inc. X76F640H Datasheet HTML 10Page - Xicor Inc. X76F640H Datasheet HTML 11Page - Xicor Inc. X76F640H Datasheet HTML 12Page - Xicor Inc. X76F640H Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
X76F640
9
Figure 9. Reset Password
Figure 10. Reset Device
Figure 11. Response to RESET (RST)
Reset Password
Reset
Password
7
Reset
Password
0
S
SDA
Wait tWC
OR
ACK POLLING
S
ACK Polling
Repeated
COMMAND
Command
S
If ACK, then
Device reset
COMMAND
7025 FM 14
Reset Device
Reset
Password
7
Reset
Password
0
S
SDA
Wait tWC
OR
ACK POLLING
S
ACK Polling
Repeated
COMMAND
Command
S
If ACK, then
Device reset
COMMAND
7025 FM 15
3 3 2 2 2 2 2 2
CS
SCK
SO
2 2 2 2 1 1 1 1
1 1 1 1 1 1 9 8
7 6 5 4 3 2 1 0
1 0 9 8 7 6 5 4
3 2 1 0 9 8 7 6
5 4 3 2 1 0
RST
7025 FM 16
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias ......................–65
°C to +135°C
Storage Temperature ...........................–65
°C to +150°C
Voltage on any Pin with
Respect to VSS......................................–1V to +7V
D.C. Output Current.................................................. 5mA
Lead Temperature
(Soldering, 10 seconds)................................. 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
listed in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.


Similar Part No. - X76F640H

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F640H ICMIC-X76F640H Datasheet
350Kb / 17P
   Secure Serial Flash
X76F640H-2.7 ICMIC-X76F640H-2.7 Datasheet
350Kb / 17P
   Secure Serial Flash
X76F640HE ICMIC-X76F640HE Datasheet
350Kb / 17P
   Secure Serial Flash
X76F640HE-2.7 ICMIC-X76F640HE-2.7 Datasheet
350Kb / 17P
   Secure Serial Flash
X76F640HEG ICMIC-X76F640HEG Datasheet
350Kb / 17P
   Secure Serial Flash
More results

Similar Description - X76F640H

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com