Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8218 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS8218
Description  Ultra160 Multi-mode LVD/SE SCSI Terminator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8218 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS8218 Datasheet HTML 1Page - Silicon Standard Corp. SS8218 Datasheet HTML 2Page - Silicon Standard Corp. SS8218 Datasheet HTML 3Page - Silicon Standard Corp. SS8218 Datasheet HTML 4Page - Silicon Standard Corp. SS8218 Datasheet HTML 5Page - Silicon Standard Corp. SS8218 Datasheet HTML 6Page - Silicon Standard Corp. SS8218 Datasheet HTML 7Page - Silicon Standard Corp. SS8218 Datasheet HTML 8Page - Silicon Standard Corp. SS8218 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.SiliconStandard.com
5 of 11
SS8218
Rev.2.01 6/06/2003
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Vtpwr (SE)
4.0
5
5.5
Termpower Voltage
Vtpwr (LVD)
2.9
5
5.5
V
Logic 0
Vil
-0.3
+0.8
V
Logic 1
Vih
2.0
Vtpwr+0.3
V
Operating Temperature
Tamb
0
70
°C
Electrical Characteristics
Unless otherwise specified, these specifications apply over the operating ambient temperature range of
0°C
≤≤≤≤TA≤≤≤≤70°C.
PARAMETER
SYMBOL
Condition
MIN
TYP
MAX
UNITS
LVD Terminator Section
Differential Mode Termination Resistance
Rdm
100
105
110
Ohms
Common Mode Termination Resistance
Rcm
110
150
190
Ohms
Differential Mode Bias
Vdm
All lines Open
100
112
125
mV
Common Mode Bias
Vcm
1.125
1.25
1.375
V
Single Ended Terminator Section
Output Capacitance
Cout
Note
3
pF
SE Termination Resistance
Rse
Vline = 0-3.0 volts
104.5
110
115.5
Ohms
SE Voltage Reference
Vref
2.79
2.85
2.93
Volts
SE output Current
Iose
Vline = 0.2 volts
25.4
mA
Regulator Section
Line Regulation
LIREG
1.0
2.5
%
Load Regulation
LOREG
1.3
3.5
%
Current Limit
ILIM
350
mA
Sink Current
ISINK
200
mA
DC Section
SE mode (No Load)
4
Termpower Current
Itpmr
LVD mode (No Load)
20
mA
Input Leakage High
Iih
-1.0
µA
Input Leakage Low
Iil
1.0
µA
Output Current High
Ioh
Vout = 2.4 volts;SE/LVD/HVD Pins only
-1.0
mA
Output Current Low
Iol
Vout=0.4 volts;SE/LVD/HVD Pins only
4.0
mA
DIFFSENS Section
DIFFSENS SE Operating Range
Vseor
-0.3
0.5
V
DIFFSENS LVD Operating Range
Vlvdor
0.7
1.9
V
DIFFSENS HVD Operating Range
Vhvdor
2.4
Vtpwr+0.3
V
DIFFSENSE Driver Output Voltage
Vdso
M/S=1; Ids = 0-5mA
1.2
1.4
V
DIFFSENSE Driver Source Current
Idsh
M/S = 1; Vdso=0V
5
15
mA
DIFFSENSE Driver Sink Current
Idsl
M/S=1; Vdso=2.75V
20
200
µA
Note: Guaranteed by Design
.


Similar Part No. - SS8218

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
SS8219GDTR SSC-SS8219GDTR Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
SS8219GSTR SSC-SS8219GSTR Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
More results

Similar Description - SS8218

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G218B GMT-G218B Datasheet
188Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
S136-000 ETC2-S136-000 Datasheet
453Kb / 1P
   SCSI/Fibre Channel - SCSI Ultra160 LVD/SE Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
   Multi-mode LVD/SE SCSI Terminator
G220 GMT-G220 Datasheet
193Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
   Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com