Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8219GSTR Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS8219GSTR
Description  Ultra320 Multi-mode LVD/SE SCSI Terminator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8219GSTR Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS8219GSTR Datasheet HTML 2Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 3Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 4Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 5Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 6Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 7Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 8Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 9Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.SiliconStandard.com
10 of 10
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
12/10/2005 Rev.3.01
SS8219G
PHYSICAL DIMENSIONS (28pin TSSOP - order package option D)
Note:
1. Package body dimensions exclude mold flash protrusions or gate burrs
2. Tolerance
±0.1mm unless otherwise specified
3. Coplanarity : 0.1mm
4. Controlling dimensions are in millimeters. Converted inch dimensions are not necessarily accurate.
5. Follows JEDEC MO-153
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
-----
-----
1.20
-----
-----
0.048
A1
0.05
-----
0.15
0.002
-----
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
-----
0.30
0.007
-----
0.012
C
0.09
-----
0.20
0.004
-----
0.008
D
9.60
9.70
9.80
0.378
0.382
0.386
E
-----
6.40
-----
-----
0.252
-----
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
-----
0.65
-----
-----
0.026
-----
L
0.45
0.60
0.75
0.018
0.024
0.030
y
-----
-----
0.10
-----
-----
0.004
Θ
-----
-----
28
E1
E
D
1
b
A
A1
A2
C
L
Θ
e


Similar Part No. - SS8219GSTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8218 SSC-SS8218 Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8218-D3TB SSC-SS8218-D3TB Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8218-D3TR SSC-SS8218-D3TR Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8218-S4TB SSC-SS8218-S4TB Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8218-S4TR SSC-SS8218-S4TR Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
More results

Similar Description - SS8219GSTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G220 GMT-G220 Datasheet
193Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
HP7501 ETC1-HP7501 Datasheet
209Kb / 9P
   Ultra320 LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
   Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8218 SSC-SS8218 Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218B GMT-G218B Datasheet
188Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
   Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com