Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS406 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # RS406
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

RS406 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  RS406 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. RS406 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS401 THRU RS407
SILICON BRIDGE RECTIFIERS
Reverse Voltage - 50 to 1000 Volts
Forward Current - 4.0 Amperes
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Mounting Position: Any
Weight:0.22 ounce, 6.21 grams
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
NOTES:
1.Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2.Unit mounted on 3.0” x 3.0” x 0.11” thick(7.5x7.5x0.3cm) Al. plate.
3.P.C.Board mounted with 0.5” x0.5”(12x12mm) copper pads,0.375”(9.5mm) lead length.
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Ideal for printed circuit boards
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
93
10
1.0
55
20
-65 to +150
-55 to +150
4.0
3.0
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward
TC=50 C(Note 2)
output rectified current at
TA=50 C(Note 3)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Rating for Fusing(t<8.3ms)
Maximum instantaneous forward voltage drop
per birdge element at 4.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance (Note 2)
Operating junction temperature range
storage temperature range
I t
CJ
RqJA
TJ
TSTG
IR
A s
2
2
VF
A
u
C
C/W
mA
C
pF
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
RS401
150
1.0
Dimensions in inches and (millimeters)
RS-4
0.768(19.5)
0.728(18.5)
0.580(14.7)
0.540(13.7)
0.640(16.3)
0.600(15.2)
0.750
(19.0)
MIN.
0.052(1.3)
0.048(1.2)
0.083
(2.1)
0.220(5.6)
0.180(4.6)
0.256(6.5)
0.236(6.0)
+
-
AC
RS402
RS403
RS404
RS405
RS406
RS407
www.shunyegroup.com


Similar Part No. - RS406

ManufacturerPart #DatasheetDescription
logo
Dc Components
RS406 DCCOM-RS406 Datasheet
379Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
RS406 BILIN-RS406 Datasheet
128Kb / 3P
   Silicon Bridge Rectifiers
logo
Leshan Radio Company
RS406 LRC-RS406 Datasheet
50Kb / 2P
   4.0A BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
RS406 ZSELEC-RS406 Datasheet
83Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
RS406 BILIN-RS406 Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - RS406

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com