Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE440A Datasheet(PDF) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # P6KE440A
Description  GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

P6KE440A Datasheet(HTML) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

  P6KE440A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. P6KE440A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. P6KE440A Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. P6KE440A Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
P6KE62
P6KE62A
P6KE68
P6KE68A
P6KE75
P6KE75A
P6KE82
P6KE82A
P6KE91
P6KE91A
P6KE100
P6KE100A
P6KE110
P6KE110A
P6KE120
P6KE120A
P6KE130
P6KE130A
P6KE150
P6KE150A
P6KE160
P6KE160A
P6KE170
P6KE170A
P6KE180
P6KE180A
P6KE200
P6KE200A
P6KE220
P6KE220A
P6KE250
P6KE250A
P6KE300
P6KE300A
P6KE350
P6KE350A
P6KE400
P6KE400A
P6KE440
P6KE440A
55.8
58.9
61.2
64.6
67.5
71.3
73.8
77.9
81.9
86.5
90.0
95.0
99.0
105
108
114
117
124
135
143
144
152
153
162
162
171
180
190
198
209
225
237
270
285
315
332
360
380
396
418
6.7
7.1
6.1
6.5
5.6
5.8
5.1
5.3
4.6
4.8
4.2
4.4
3.8
3.9
3.5
3.6
3.2
3.4
2.8
2.9
2.6
2.7
2.5
2.6
2.3
2.4
2.1
2.2
1.7
1.8
1.7
1.7
1.4
1.4
1.2
1.2
1.0
1.1
0.95
1.0
89.0
85.0
98.0
92.0
108
103
118
113
131
125
144
137
158
152
173
165
187
179
215
207
230
219
244
234
258
246
287
274
344
328
360
344
430
414
504
482
574
548
631
602
0.104
0.104
0.104
0.104
0.105
0.105
0.105
0.105
0.106
0.106
0.106
0.106
0.107
0.107
0.107
0.107
0.107
0.107
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
Device Type
Breakdown Voltage
V(BR)
(Volts)(NOTES 1)
MIN
MAX
Test
Current
IT(mA)
Stand-off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage
atVWM
ID(NOTE3)(mA)
Maximum
Peak Puls
Reverse Current
IPPM(NOTE2)
(Amps)
Maximum
Clamping
Voltage at
IPPM
Vc(Volts)
Maximum
Temperature
Coefficient
of V(BR)
(%/ C)
68.2
65.1
74.8
71.4
82.5
78.8
90.2
86.1
100
95.5
110
105
121
116
132
126
143
137
165
158
176
168
187
179
198
189
220
210
242
231
275
263
330
315
385
368
440
420
484
462
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
50.2
53.0
55.1
58.1
60.7
64.1
66.4
70.1
73.7
77.8
81.0
85.5
89.2
94.0
97.2
102
105
111
121
128
130
136
138
145
146
154
162
171
175
185
202
214
243
256
284
300
324
342
356
376
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
NOTES:
1.V(BR)measured after IT applied for 300ms,IT=square wave pulse or equivalent
2.Surge current waveform per Fig.3 and derated per Fig.2
3.For bidirectional types having VWM of 10 volts and less,the ID linit is doubled
4.All items and symbols are consistent with ANSI/IEEE C62.35
www.shunyegroup.com


Similar Part No. - P6KE440A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE440A PANJIT-P6KE440A Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Socay Electornics Co., ...
P6KE440A SOCAY-P6KE440A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
CHENG-YI ELECTRONIC CO....
P6KE440A CHENG-YI-P6KE440A Datasheet
126Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
P6KE440A SECOS-P6KE440A Datasheet
110Kb / 3P
   Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS
logo
Comchip Technology
P6KE440A COMCHIP-P6KE440A Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
More results

Similar Description - P6KE440A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SA5.0 SHUNYE-SA5.0 Datasheet
659Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE SHUNYE-P4KE Datasheet
877Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 SHUNYE-P4KE6.8 Datasheet
661Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE SHUNYE-P6KE Datasheet
937Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
P4KE6.8 CHENDA-P4KE6.8_V01 Datasheet
558Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 CHENDA-P4KE6.8_V02 Datasheet
602Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA5.0A CHENDA-SA5.0A_V01 Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
P4KE6.8 SY-P4KE6.8 Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA5.0 SY-SA5.0 Datasheet
660Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
SA5.0 CHENDA-SA5.0 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8 CHENDA-1.5KE6.8_V01 Datasheet
599Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com