Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X84161V8 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X84161V8
Description  uPort Saver EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84161V8 Datasheet(HTML) 3 Page - Xicor Inc.

  X84161V8 Datasheet HTML 1Page - Xicor Inc. X84161V8 Datasheet HTML 2Page - Xicor Inc. X84161V8 Datasheet HTML 3Page - Xicor Inc. X84161V8 Datasheet HTML 4Page - Xicor Inc. X84161V8 Datasheet HTML 5Page - Xicor Inc. X84161V8 Datasheet HTML 6Page - Xicor Inc. X84161V8 Datasheet HTML 7Page - Xicor Inc. X84161V8 Datasheet HTML 8Page - Xicor Inc. X84161V8 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
X84161/641/129
3
DEVICE OPERATION
The X84161/641/129 are serial EEPROMs designed to
interface directly with most microprocessor buses. Stan-
dard CE, OE, and WE signals control the read and write
operations, and a single l/O line is used to send and
receive data and commands serially.
Data Timing
Data input on the l/O line is latched on the rising edge of
either WE or CE, whichever occurs first. Data output on
the l/O line is active whenever both OE and CE are LOW.
Care should be taken to ensure that WE and OE are
never both LOW while CE is LOW.
Read Sequence
A read sequence consists of sending a 16-bit address
followed by the reading of data serially. The address is
written by issuing 16 separate write cycles (WE and CE
LOW, OE HIGH) to the part without a read cycle between
the write cycles. The address is sent serially, most signifi-
cant bit first, over the I/O line. Note that this sequence is
fully static, with no special timing restrictions, and the pro-
cessor is free to perform other tasks on the bus when-
ever the device CE pin is HIGH. Once the 16 address
bits are sent, a byte of data can be read on the I/O line by
issuing 8 separate read cycles (OE and CE LOW, WE
HIGH). At this point, writing a ‘1’ will terminate the read
sequence and enter the low power standby state, other-
wise the device will await further reads in the sequential
read mode.
Sequential Read
The byte address is automatically incremented to the
next higher address after each byte of data is read. The
data stored in the memory at the next address can be
read sequentially by continuing to issue read cycles.
When the highest address in the array is reached, the
address counter rolls over to address $0000 and reading
may be continued indefinitely.
Reset Sequence
The reset sequence resets the device and sets an inter-
nal write enable latch. A reset sequence can be sent at
any time by performing a read/write “0”/read operation
(see Figs. 1 and 2). This breaks the multiple read or write
cycle sequences that are normally used to read from or
write to the part. The reset sequence can be used at any
time to interrupt or end a sequential read or page load.
As soon as the write “0” cycle is complete, the part is
reset (unless a nonvolatile write cycle is in progress). The
second read cycle in this sequence, and any further read
cycles, will read a HIGH on the l/O pin until a valid read
sequence (which includes the address) is issued. The
reset sequence must be issued at the beginning of both
read and write sequences to be sure the device initiates
these operations properly.
Figure 1. Read Sequence
CE
OE
WE
I/O (IN)
"0"
RESET
WHEN ACCESSING:
X84161 ARRAY: A15–A11=0
X84641 ARRAY: A15–A13=0
X84129 ARRAY: A15–A14=0
LOAD ADDRESS
READ DATA
A15 A14 A13 A12 A11 A10 A9 A8
A7 A6
A5 A4
A3 A2
A1 A0
I/O (OUT)
7008 FRM F04.1
D7 D6 D5 D4 D3 D2 D1 D0


Similar Part No. - X84161V8

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84161-1.8 ICMIC-X84161-1.8 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84161-2.5 ICMIC-X84161-2.5 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84161G ICMIC-X84161G Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84161G-1.8 ICMIC-X84161G-1.8 Datasheet
147Kb / 18P
   關Port Saver EEPROM
More results

Similar Description - X84161V8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84256 XICOR-X84256 Datasheet
68Kb / 15P
   UPort Saver EEPROM
logo
IC MICROSYSTEMS
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84160 ICMIC-X84160 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
logo
Glenair, Inc.
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
   Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
   Starter Saver
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
   Battery Saver
February 25, 2022
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
   BATTERY SAVER
logo
Glenair, Inc.
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
   Connector Saver
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
   Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
   Connector Saver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com