Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD101BWS Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SD101BWS
Description  SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

SD101BWS Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  SD101BWS Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SD101BWS Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SD101AWS-SD101CWS
0
0.2
0.4
0.6
0.8
1.0
VR REVERSE VOLTAGE.(V)
FIG. 2-TYPICAL FORWARD CHARACTERISTIC
FIG. 1- POWER DERATING CURVE
10
1.0
0.1
0.01
0
10
20
30
40
50
60
10
1
0.1
0.01
0.001
0.0001
TA,AMBIENT TEMPERATURE( C)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
VR REVERSE VOLTAGE.(V)
FIG.3- TYPICAL TOTAL CAPACITANCE
VS REVERSE VOLTAGE
VR REVERSE VOLTAGE.(V)
500
400
300
200
100
0
0
25
50
75
100
125
150
See Note1
A
B
C
2
1
0
0
10
20
30
40
50
C
B
A
TA=125 C
TA=75 C
TA=25 C
TA=0 C
TA=-65 C
Tj=25
C
f=1MHz
www.shunyegroup.com


Similar Part No. - SD101BWS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD101BWS DIODES-SD101BWS Datasheet
60Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 4 - 2
logo
SeCoS Halbleitertechnol...
SD101BWS SECOS-SD101BWS Datasheet
1Mb / 2P
   0.015AMP Surface Mount Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
SD101BWS SUNMATE-SD101BWS Datasheet
951Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SD101BWS WTE-SD101BWS Datasheet
46Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
SD101BWS MCC-SD101BWS Datasheet
182Kb / 3P
   Small Signal Schottky Diodes
More results

Similar Description - SD101BWS

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com