Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA10 Datasheet(PDF) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SA10
Description  GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

SA10 Datasheet(HTML) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

  SA10 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SA10 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SA10 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. SA10 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES SA5.0 THUR SA170CA
150
100
50
0
0
1.0
2.0
3.0
4.0
FIG.3-PULSE WAVEFORM
t,TIME,ms
100
10
1.0
0.1
0.1ms
1.0ms
10ms
100ms
1.0ms
10ms
FIG. 1-PEAK PULSE POWER RATING CURVE
td,PULSE WIDTH,sec.
10,000
1,000
100
10
1.0
10
100
200
1.0
10
100
60
20
50
40
30
FIG. 4-TYPICAL JUNCTIONAL CAPACITANCE
UNIDIRECTIONAL
FIG.6-MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
V(BR),BREAKDOWN VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
100
75
50
25
0
0
25
50
75
100
125
150
175
200
FIG. 2-PULSE DERATING CURVE
TA
, AMBIENT TEMPERATURE,( C)
0
100
200
300
400
500
100
10
1
0.1
0.01
FIG.7-TYPICAL REVERSE LEAKAGE CHARCTERISTICS
V(BR),BREAKDOWN VOLTAGE,VOLTS
1.6
1.2
0.8
0.4
0
0
25
50
75
100
125
150
175
200
FIG.5-STEADY STATE POWER DERATING CURVE
TL,LEAD TEMPERATURE, C
NON-REPETITIVE
PULSE WAVEFORM
SHOWN inFIG.3
TA=25 C
TJ=25 C
f=1.0MHz
Vsig=50mVp-p
MEASURED at
ZERO BIAS
TJ=TJmax.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TA=25 C
MEASURED AT DEVICES
STAND-OFF
VOLTAGE,Vwm
L=0.375” (9.5mm)
lLEAD LENGTHS
1.6 1.6 0.040”
(40 40 1mm)
COPPERHEATSINKS
60Hz RESISTIVE
OR INDUCTIVE LOAD
10/1000msec WAVEFORM
as DFINED by R.E.A
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IppM
PEAK VALUE IppM
tr=10msec
MEASURED at
STAND-OFF
VOLTAGE,VwM
td
HALF VALUE
IPPM
2
70
www.shunyegroup.com


Similar Part No. - SA10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA10 PANJIT-SA10 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA10 CHONGQING-SA10 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA10 FCI-SA10 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA10 LUGUANG-SA10 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Won-Top Electronics
SA10 WTE-SA10 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA10

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SA5.0 SHUNYE-SA5.0 Datasheet
659Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE SHUNYE-P4KE Datasheet
877Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 SHUNYE-P4KE6.8 Datasheet
661Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE SHUNYE-P6KE Datasheet
937Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
P4KE6.8 CHENDA-P4KE6.8_V01 Datasheet
558Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 CHENDA-P4KE6.8_V02 Datasheet
602Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA5.0A CHENDA-SA5.0A_V01 Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
P4KE6.8 SY-P4KE6.8 Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
SA5.0 CHENDA-SA5.0 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8 CHENDA-1.5KE6.8_V01 Datasheet
599Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com