Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X88C75LM Datasheet(PDF) 8 Page - Xicor Inc.

Part # X88C75LM
Description  Port Expander and E2 Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88C75LM Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X88C75LM Datasheet HTML 4Page - Xicor Inc. X88C75LM Datasheet HTML 5Page - Xicor Inc. X88C75LM Datasheet HTML 6Page - Xicor Inc. X88C75LM Datasheet HTML 7Page - Xicor Inc. X88C75LM Datasheet HTML 8Page - Xicor Inc. X88C75LM Datasheet HTML 9Page - Xicor Inc. X88C75LM Datasheet HTML 10Page - Xicor Inc. X88C75LM Datasheet HTML 11Page - Xicor Inc. X88C75LM Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
X88C75 SLIC® E2
8
Figure 8. Setting the SFR Map Register
Figure 9. Setting Program Memory Map Register
BITS 7:6
Setting these two bits to any combination other than “00”
or “11” will interfere with device proper operation.
E2 Memory Map Register (EEM)
Default = 08
0
0
LAM
0
RST
A15
A14
A13
76
2887 ILL F11
543
21
0
A15-A13
Modifying these three bits changes the location of the
program memory within the address map.The A15-A13
correspond to the upper three address bits of the 8K-
byte page where program memory will be mapped.
RST
The RST bit controls the polarity of the RESET input pin.
“0” = RESET is Active LOW
“1” = RESET is Active HIGH
LAM
Port B can be configured as either a general purpose
I/O port (normal I/O mode), or latched address mode
(LAM). The LAM option programs port B to output the
demultiplexed low order byte of the address latched into
the X88C75 by ALE. The LAM bit selects between these
two modes.
“0” = PORT B is I/O Port
“1” = Port B outputs low address byte (A7-A0)
Setting the Mapping Registers
The mapping registers are written using a modified
version of the Software Data Protection sequence. All
timings must adhere to the normal Software Data Pro-
tection sequence.
The complemented contents of the SFR map register
and the E2 memory map register can be read by the
microcontroller at their corresponding SFR addresses.
The physical memory location of these registers can be
derived by adding the following offset to the SFR base
address:
SFR Map Register
00H
E2 Memory Map Register
38H
If the regions specified in the map registers overlap, only
the SFR will be accessible.
AA
b2
P 555
b1 b0
55
b2
AAA
AAA
b1 b0
A0
b2
P 555
b1 b0
AA
b2
P 555
b1 b0
D0
Delay of tWC
Exit Routine
b2
P
2887 ILL F12.1
b1 b0
XXX
Desired
Value
b2
P
b1 b0
X = Don’t Care
B[2:0] = E2M [2:0]
P = Address bit (A12) of the
memory plane not being read.
P
AA
b2
P 555
b1 b0
55
b2
AAA
AAA
b1 b0
A0
b2
P 555
b1 b0
AA
b2
P 555
b1 b0
E0
b2
P
2887 ILL F13.1
b1 b0
XXX
Desired
Value
b2
P
b1 b0
P
Delay of tWC
Exit Routine
X = Don’t Care
B[2:0] = E2M [2:0]
P = Address bit (A12) of the
memory plane not being read.


Similar Part No. - X88C75LM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88C64 XICOR-X88C64 Datasheet
71Kb / 14P
   E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
   E2 Micro-Peripheral
X88C64P XICOR-X88C64P Datasheet
71Kb / 14P
   E2 Micro-Peripheral
X88C64P XICOR-X88C64P Datasheet
47Kb / 3P
   E2 Micro-Peripheral
X88C64PI XICOR-X88C64PI Datasheet
71Kb / 14P
   E2 Micro-Peripheral
More results

Similar Description - X88C75LM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X68C75 XICOR-X68C75 Datasheet
123Kb / 26P
   Port Expander and E2 Memory
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
logo
OKI electronic componet...
MSM82C43 OKI-MSM82C43 Datasheet
90Kb / 13P
   INPUT/OUTPUT PORT EXPANDER
logo
Maxim Integrated Produc...
DS4550 MAXIM-DS4550 Datasheet
930Kb / 19P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
19-8356; Rev 1; 7/17
logo
Dallas Semiconductor
DS4550 DALLAS-DS4550 Datasheet
650Kb / 18P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
logo
Maxim Integrated Produc...
MAX7319 MAXIM-MAX7319_V01 Datasheet
937Kb / 15P
   I2C Port Expander with Eight Inputs and Maskable Transition Detection
19-3809; Rev 2; 5/14
MAX7319 MAXIM-MAX7319 Datasheet
251Kb / 16P
   I2C Port Expander with Eight Inputs and Maskable Transition Detection
Rev 1; 10/05
logo
STMicroelectronics
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
   8-bit port expander Xpander logic
logo
Sames
SA9203 SAMES-SA9203 Datasheet
113Kb / 14P
   6/3 X 8 PORT EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com