Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241MP Datasheet(PDF) 3 Page - Xicor Inc.

Part # X9241MP
Description  Quad E2POT??Nonvolatile Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241MP Datasheet(HTML) 3 Page - Xicor Inc.

  X9241MP Datasheet HTML 1Page - Xicor Inc. X9241MP Datasheet HTML 2Page - Xicor Inc. X9241MP Datasheet HTML 3Page - Xicor Inc. X9241MP Datasheet HTML 4Page - Xicor Inc. X9241MP Datasheet HTML 5Page - Xicor Inc. X9241MP Datasheet HTML 6Page - Xicor Inc. X9241MP Datasheet HTML 7Page - Xicor Inc. X9241MP Datasheet HTML 8Page - Xicor Inc. X9241MP Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
X9241
3
Acknowledge
Acknowledge is a software convention used to provide
a positive handshake between the master and slave
devices on the bus to indicate the successful receipt of
data. The transmitting device, either the master or the
slave, will release the SDA bus after transmitting eight
bits. The master generates a ninth clock cycle and
during this period the receiver pulls the SDA line LOW to
acknowledge that it successfully received the eight bits
of data. See Figure 7.
The X9241 will respond with an acknowledge after
recognition of a start condition and its slave address and
once again after successful receipt of the command
byte. If the command is followed by a data byte the
X9241 will respond with a final acknowledge.
Array Description
The X9241 is comprised of four resistor arrays. Each
array contains 63 discrete resistive segments that are
connected in series. The physical ends of each array are
equivalent to the fixed terminals of a mechanical poten-
tiometer (VH and VL inputs).
At both ends of each array and between each resistor
segment is a FET switch connected to the wiper (VW)
output. Within each individual array only one switch may
be turned on at a time. These switches are controlled by
the Wiper Counter Register (WCR). The six least signifi-
cant bits of the WCR are decoded to select, and enable,
one of sixty-four switches.
The WCR may be written directly, or it can be changed
by transferring the contents of one of four associated
data registers into the WCR. These data registers and
the WCR can be read and written by the host system.
Device Addressing
Following a start condition the master must output the
address of the slave it is accessing. The most significant
four bits of the slave address are the device type
identifier (refer to Figure 1 below). For the X9241 this is
fixed as 0101[B].
Figure 1. Slave Address
The next four bits of the slave address are the device
address. The physical device address is defined by the
state of the A0-A3 inputs. The X9241 compares the
serial data stream with the address input state; a suc-
cessful compare of all four address bits is required for
the X9241 to respond with an acknowledge.
Acknowledge Polling
The disabling of the inputs, during the internal non-
volatile write operation, can be used to take advantage
of the typical 5ms E2PROM write cycle time. Once the
stop condition is issued to indicate the end of the
nonvolatile write command the X9241 initiates the inter-
nal write cycle. ACK polling can be initiated immediately.
This involves issuing the start condition followed by the
device slave address. If the X9241 is still busy with the
write operation no ACK will be returned. If the X9241 has
completed the write operation an ACK will be returned
and the master can then proceed with the next
operation.
Flow 1. ACK Polling Sequence
NONVOLATILE WRITE
COMMAND COMPLETED
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS
ACK
RETURNED?
FURTHER
OPERATION?
ISSUE
INSTRUCTION
PROCEED
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO
3864 ILL F01
1
00
A3
A2
A1
A0
DEVICE TYPE
IDENTIFIER
DEVICE ADDRESS
1
3864 FHD F08


Similar Part No. - X9241MP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241A INTERSIL-X9241A Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
More results

Similar Description - X9241MP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Analog Devices
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com